Electronic Components Datasheet Search
  English  ▼

X  

M40Z300AV Datasheet(PDF) 4 Page - STMicroelectronics

Part # M40Z300AV
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300AV Datasheet(HTML) 4 Page - STMicroelectronics

  M40Z300AV Datasheet HTML 1Page - STMicroelectronics M40Z300AV Datasheet HTML 2Page - STMicroelectronics M40Z300AV Datasheet HTML 3Page - STMicroelectronics M40Z300AV Datasheet HTML 4Page - STMicroelectronics M40Z300AV Datasheet HTML 5Page - STMicroelectronics M40Z300AV Datasheet HTML 6Page - STMicroelectronics M40Z300AV Datasheet HTML 7Page - STMicroelectronics M40Z300AV Datasheet HTML 8Page - STMicroelectronics M40Z300AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M40Z300AV
4/20
DESCRIPTION
The M40Z300AV NVRAM SUPERVISOR is a self-
contained device which converts a standard low-
power SRAM into a non-volatile memory. A preci-
sion voltage reference and comparator monitors
the VCC input for an out-of-tolerance condition.
When an invalid VCC condition occurs, the condi-
tioned chip enable outputs (E1CON to E4CON) are
forced inactive to write-protect the stored data in
the SRAM. During a power failure, the SRAM is
switched from the VCC pin to the lithium cell within
the SNAPHAT® to provide the energy required for
data retention. On a subsequent power-up, the
SRAM remains write protected until a valid power
condition returns.
The 28-pin, 330mil SOIC provides sockets with
gold plated contacts for direct connection to a sep-
arate SNAPHAT housing containing the battery.
The SNAPHAT housing has gold plated pins
which mate with the sockets, ensuring reliable
connection. The housing is keyed to prevent im-
proper insertion. This unique design allows the
SNAPHAT battery package to be mounted on top
of the SOIC package after the completion of the
surface mount process which greatly reduces the
board manufacturing process complexity of either
directly soldering or inserting a battery into a sol-
dered holder. Providing non-volatility becomes a
“SNAP.” The 16-pin SOIC provides battery pins for
an external user-supplied battery.
Insertion of the SNAPHAT housing after reflow
prevents potential battery damage due to the high
temperatures required for device surface-mount-
ing. The SNAPHAT housing is also keyed to pre-
vent reverse insertion.
The 28-pin SOIC and battery packages are
shipped separately in plastic anti-static tubes or in
Tape & Reel form. For the 28-lead SOIC, the bat-
tery/crystal package (e.g., SNAPHAT) part num-
ber
is
“M4ZXX-BR00SH”
(see
Table
13., page 18).
Caution: Do not place the SNAPHAT battery top
in conductive foam, as this will drain the lithium
button-cell battery.
Figure 3. Logic Diagram
Note: 1. For 16-pin SOIC package only.
2. THS pin must be connected to VSS.
Table 1. Signal Names
Note: 1. THS pin must be connected to VSS.
2. For M40Z300AV, B– must be connected to the negative
battery terminal only (not to Pin 8, VSS).
AI08893
THS
(2)
VCC
M40Z300AV
BL
VSS
E
VOUT
B
A
E1CON
E2CON
E3CON
E4CON
RST
B+
(1)
B–
(1)
THS(1)
Threshold Select Input
E
Chip Enable Input
E1CON - E4CON
Conditioned Chip Enable
Output
A, B
Decoder Inputs
RST
Reset Output (Open Drain)
BL
Battery Low Output (Open
Drain)
VOUT
Supply Voltage Output
VCC
Supply Voltage
VSS
Ground
B +
Positive Battery Pin
B –(2)
Negative Battery Pin
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com