Electronic Components Datasheet Search
  English  ▼

X  

GP712 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # GP712
Description  IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP712 Datasheet(HTML) 1 Page - Qorvo, Inc

  GP712 Datasheet HTML 1Page - Qorvo, Inc GP712 Datasheet HTML 2Page - Qorvo, Inc GP712 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP712
IEEE 802.15.4 Multi-Stack Multi-Channel
Communications Controller
Product Brief
GP_P007_PB_08475 V2.00 | Subject to change without notice
1 of 3
www.qorvo.com
®
Product Overview
The GP712 System-on-Chip is an IEEE 802.15.4 multi-stack multi-channel communications
controller for integration into a ZigBee node. It is compliant with the IEEE Standard 802.15.4,
providing robust spread spectrum data communication with a secure encrypted data flow, and
supports multiple ZigBee 3.0 (including RF4CE, ZigBee Pro and Green Power) and Thread
protocol stacks in the host processor. These stacks can operate in different networks (PANs)
and on different channels. The GP712is able to listen simultaneously on three different
channels with antenna diversity.
The GP712 interference robustness and antenna diversity offer superior performance in a
crowded wireless 2.4 GHz environment. In addition, the GP712 presents a Coexistence
Interface to enable coexistence with other potentially interfering radios (Bluetooth, Wi-Fi) within
the same host device.
The GP712 provides a high-speed serial interface (SPI or UART) to the host processor.
It supports stand-alone RF4CE DutyCycling and packet filtering through Deep Packet Inspection when the host is asleep and has an
extremely low standby power consumption enabling total system power consumption of less than 1 mW while allowing reception of
remote control commands
The GP712 is optimized for low cost while providing superior performance. Its radio characteristics reduce t
he product’s RF design
complexity enabling low cost single layer applications using simple PCB antennas requiring no shielding and a minimum number of
external components.
Chip Overview
GP712
2.4 GHz
IEEE 802.15.4
Radio
AES-CCM*
Security Engine
32 MHz
Power Management
G
P
I
O
IEEE
802.15.4
MAC
Timing &
Control
ADC
Ant.2
Ant.1
Coexistence Interface
SPI Slave
or
UART
Advanced Offload
(DutyCycling, DPI)
Rx/Tx Buffers
Host
Protocol Stack
(e.g. RF4CE)
Protocol Stack
(e.g. ZigBee Pro)
Protocol Stack


Similar Part No. - GP712

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GP712 TRIQUINT-GP712 Datasheet
196Kb / 3P
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
More results

Similar Description - GP712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
IEEE 802.15.4 Communications Controller
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
IEEE 802.15.4 Communications Controller
GP711 TRIQUINT-GP711 Datasheet
198Kb / 3P
ZigBee Multi-Stack Communications Controller
GP712 TRIQUINT-GP712 Datasheet
196Kb / 3P
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
logo
Qorvo, Inc
GP711 QORVO-GP711 Datasheet
197Kb / 3P
ZigBee Multi-Stack Communications Controller
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
IEEE 802.15.4 Communications Controller
GP501 QORVO-GP501 Datasheet
194Kb / 3P
IEEE 802.15.4 Communications Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com