Electronic Components Datasheet Search
  English  ▼

X  

GP712 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # GP712
Description  IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP712 Datasheet(HTML) 2 Page - Qorvo, Inc

  GP712 Datasheet HTML 1Page - Qorvo, Inc GP712 Datasheet HTML 2Page - Qorvo, Inc GP712 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP712
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
GP_P007_PB_08475 V2.00 | Subject to change without notice
2 of 3
www.qorvo.com
®
Key Features
 IEEE 802.15.4 compliant PHY and Real-Time MAC
 Operates in the worldwide 2.4 GHz ISM-band
 Excellent range by antenna diversity: 8 dB more reliable
link budget compared to single antenna
 Additional robustness by packet-in-packet
resynchronization
 External PA signals for extended range
 Hardware accelerated AES and CCM* encryption with
128, 192 and 256-bit keys
 8 Kbyte RAM for data buffering
 Extremely low standby power consumption
 External Controller SPI or UART Slave interface
 Stand-alone RF4CE DutyCycling support and RF4CE
packet filtering when the host is asleep
 Multi-Stack Multi-Channel support, operating in up to 3
PANs on different channels
 Coexistence Interface with other radios in the device
Multi Stack Support
The GP712 can support multiple protocol stacks in the host
processor, operating in up to 3 Personal Area Networks. These
PANs may be on the same or on different RF channels.
Excellent Range and Reliability
The GP712 has been optimized for reliable communication in
harsh radio environments. The excellent receiver sensitivity and
high transmit power allow extended coverage. Built-in antenna
diversity with two antennas improves the reliable link budget by
8 dB resulting in approximately twice the reliable range
compared to similar systems with only one antenna. In high
density networks the packet-in-packet resynchronization further
improves the communication reliability. The potential risks of
interference by Wi-Fi and/or Bluetooth devices have been
reduced by an excellent receiver interference rejection
capability and dynamic adaption of the frequency channel.
The Coexistence Interface can be used to enable coexistence
of the IEEE 802.15.4 radio of the GP712 with other potentially
interfering radios (Wi-Fi, Bluetooth) within the same device.
Ultra-Low Power Consumption
The
GP712
is
designed
for
ultra-low
power
network
applications. It supports RF4CE duty cycling and can wake up
the host when a specified message has been received, with
RF4CE Network
layer and Profile layer Deep Packet
Inspection, to allow the host to stay asleep as much as possible.
Low Cost
The GP712 is designed to operate on PCB designs using only
low cost components and printed circuit antennas. No
expensive shielding, chip antennas or voltage regulators
are required.
Electrical Characteristics
Standby Mode Currents 1
Using internal RC oscillator
1.2 µA
Using crystal oscillator
760 µA
Operational Currents 1
Receive
14 mA
Transmit (at 0 dBm)
18 mA
Transmit (at 7 dBm)
30 mA
Supply Voltage
2.1 to 3.6 V
Interfaces
SPI Slave serial host interface
UART-based serial host interface
Coexistence Interface with other radios
External LNA/PA signals
2 Analog input lines
ADC to monitor the analog input lines and
the power supply level
Crystal Frequency
32.000 MHz (±40 ppm)
Radio Characteristics
Standards compliant
IEEE 802.15.4-2003
IEEE 802.15.4-2006
Radio Regulations
compliant
ETSI EN 300 328
FCC CFR-47 Part 15
ARIB STD-T66
Frequency Band
2400
– 2483.5 MHz
Channels
16 (programmable, 5 MHz steps)
Modulation
IEEE 802.15.4
Chip rate
2 Mchip/s
Data Rate
250 kbit/s
Receiver Sensitivity 1
-95 dBm typical
Antenna diversity gain 2
8 dB
(increases the 'effective' receiver sensitivity to -103 dBm)
Transmit Power
+7 dBm
(adjustable down in 1 dB steps)
Radio Management
Antenna Diversity
Digital RSSI
Link Quality Indication



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com