Electronic Components Datasheet Search
  English  ▼

X  

LTYB Datasheet(PDF) 12 Page - Linear Technology

Part # LTYB
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTYB Datasheet(HTML) 12 Page - Linear Technology

Back Button LTYB Datasheet HTML 4Page - Linear Technology LTYB Datasheet HTML 5Page - Linear Technology LTYB Datasheet HTML 6Page - Linear Technology LTYB Datasheet HTML 7Page - Linear Technology LTYB Datasheet HTML 8Page - Linear Technology LTYB Datasheet HTML 9Page - Linear Technology LTYB Datasheet HTML 10Page - Linear Technology LTYB Datasheet HTML 11Page - Linear Technology LTYB Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1983-3/LTC1983-5
12
sn1983 1983fs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0302 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1261
Switched-Capacitor Regulated Voltage Inverter
Selectable Fixed Output Voltages
LTC1261L
Switched-Capacitor Regulated Voltage Inverter
Adjustable and Fixed Output Voltages, Up to 20mA IOUT, MSOP
LTC1429
Clock-Synchronized Switched-Capacitor Voltage Inverter
Synchronizable Up to 2MHz System Clock
LTC1514/LTC1515
Step-Up/Step-Down Switched-Capacitor DC/DC Converters
VIN 2V to 10V, Adjustable or Fixed VOUT, IOUT to 50mA
LTC1516
Micropower Regulated 5V Charge Pump DC/DC Converter
IOUT = 20mA (VIN ≥ 2V), IOUT = 50mA (VIN ≥ 3V)
LTC1522
Micropower Regulated 5V Charge Pump DC/DC Converter
IOUT = 10mA (VIN ≥ 2.7V), IOUT = 20mA (VIN ≥ 3V)
LTC1550L/LTC1551L
Low Noise, Switched-Capacitor Regulated Voltage Inverters 900kHz Charge Pump, 1mVP-P Ripple
LT1611
1.4MHz Inverting Mode Switching Regulator
–5V at 150mA from a 5V Input, 5-Lead ThinSOT
LT1617/LT1617-1
Micropower, Switched-Capacitor Voltage Inverter
VIN 1.2V/1V to 15V; 350mA/100mA Current Limit
LTC1682/-3.3/-5
Doubler Charge Pumps with Low Noise LDO
MS8 and SO-8 Packages, IOUT = 80mA, Output Noise = 60µVRMS
LTC1751/-3.3/-5
Doubler Charge Pumps
VOUT =5V at 100mA; VOUT =3.3V at 80mA; ADJ; MSOP Packages
LTC1754/-3.3/-5
Doubler Charge Pumps with Shutdown
ThinSOT Package; IQ = 13µA; IOUT = 50mA
LTC1928-5
Doubler Charge Pump with Low Noise LDO
ThinSOT Output Noise = 60
µVRMS; VOUT = 5V; VIN = 2.7V to 4V
LTC3200
Constant Frequency Doubler Charge Pump
Low Noise, 5V Output or Adjustable
Combined Unregulated Doubler
and Regulated Inverter
TYPICAL APPLICATIO
C +
C
LTC1983-3/
LTC1983-5
CFLY
1
µF
CERAMIC
CBOOST
1
µF
OFF ON
COUT2
10
µF
CERAMIC
COUT1
10
µF
CERAMIC
CIN
10
µF
CERAMIC
1983 TA05
VIN
VIN
VOUT
VOUT
SHDN
GND
D1
D2
VBOOST
VBOOST = 2VIN –2(VD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com