Electronic Components Datasheet Search
  English  ▼

X  

LTYB Datasheet(PDF) 3 Page - Linear Technology

Part # LTYB
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTYB Datasheet(HTML) 3 Page - Linear Technology

  LTYB Datasheet HTML 1Page - Linear Technology LTYB Datasheet HTML 2Page - Linear Technology LTYB Datasheet HTML 3Page - Linear Technology LTYB Datasheet HTML 4Page - Linear Technology LTYB Datasheet HTML 5Page - Linear Technology LTYB Datasheet HTML 6Page - Linear Technology LTYB Datasheet HTML 7Page - Linear Technology LTYB Datasheet HTML 8Page - Linear Technology LTYB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1983-3/LTC1983-5
3
sn1983 1983fs
Output Impedance vs
Input Voltage
Output Impedance
vs IOUT (LTC1983-5)
Efficiency vs IOUT (LTC1983-5)
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs IOUT
IOUT (mA)
0
40
80
100
90
80
70
60
50
40
30
20
10
0
1983 G01
20
60
VIN = 2.3V
VIN = 3.3V
VIN = 5V
TA = 25°C
VIN (V)
2.35
4.35
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
1983 TA02
3.35
5.35
ROUT
IOUT = 25mA
TA = 25°C
IOUT (mA)
0
40
80
100
30
25
20
15
10
5
1983 G03
20
60
VIN = 2.3V
VIN = 3.3V
VIN = 5V
TA = 25°C
IOUT (mA)
0.01
100
75
50
25
0
10
1983 GO4
0.1
1
100
VIN = 5V
VIN = 3.3V
VOUT = –3V
TA = 25°C
OUTPUT CURRENT (mA)
0
–2.1
–2.3
–2.5
–2.7
–2.9
–3.1
–3.3
–3.5
60
100
1983 G05
20
40
80
120
120
°C
–40
°C, 0°C, 40°C
80
°C
OUTPUT CURRENT (mA)
0
2.7
2.8
2.9
3.0
3.1
3.3
20
40
60
80
1983 G06
100
120
3.2
–40
°C 0°C
40
°C
80
°C
VIN = 5V
–3VOUT vs IOUT Over Temperature
–3VOUT vs IOUT Over Temperature
(VIN = 5V)
Open-Loop Current
vs Temperature (LTC1983-5)
TEMPERATURE (
°C)
–40
4.9
4.7
4.5
4.3
4.1
3.9
3.7
3.5
1983 G07
10
60
110
VIN = 5V
Burst Mode Current
vs Temperature (LTC1983-3)
TEMPERATURE (
°C)
–40
25
30
35
1983 G08
20
15
10
10
60
40
45
50
110
VIN = 5V
Open-Loop Input Current
vs VIN (LTC1983-5)
VIN (V)
2.3
1.5
2.0
2.5
3.0
3.5
4.5
2.8
3.3
3.3
4.3
1983 G09
4.8
4.0
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com