Electronic Components Datasheet Search
  English  ▼

X  

FXLS90333 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # FXLS90333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90333 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button FXLS90333 Datasheet HTML 92Page - NXP Semiconductors FXLS90333 Datasheet HTML 93Page - NXP Semiconductors FXLS90333 Datasheet HTML 94Page - NXP Semiconductors FXLS90333 Datasheet HTML 95Page - NXP Semiconductors FXLS90333 Datasheet HTML 96Page - NXP Semiconductors FXLS90333 Datasheet HTML 97Page - NXP Semiconductors FXLS90333 Datasheet HTML 98Page - NXP Semiconductors FXLS90333 Datasheet HTML 99Page - NXP Semiconductors FXLS90333 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$64
CH0_SNSDATA1_L
CH0_SNSDATA1[7:0]
$65
CH0_SNSDATA1_H
CH0_SNSDATA1[15:8]
$74
CH1_SNSDATA1_L
CH1_SNSDATA1[7:0]
$75
CH1_SNSDATA1_H
CH1_SNSDATA1[15:8]
Reset Value
0
0
0
0
0
0
0
0
Table 174. Sensor data #1 registers (CHx_SNSDATA1_L, CHx_SNSDATA1_H)
11.2.36 Channel-specific factory configuration register (CHx_CFG_F)
The channel-specific configuration registers are factory programmable OTP registers
which contain channel specific configuration information. These registers are included in
the factory programmed OTP array error detection.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode when ENDINIT is not set. See Section 11.2.10 for details on the register read
process for this register.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
$A0
CH0_
CFG_F
DEV_RANGE[3:0]
RESE
RVED
RESE
RVED
AXIS[1:0]
$B0
CH1_
CFG_F
DEV_RANGE[3:0]
RESE
RVED
RESE
RVED
AXIS[1:0]
Table 175. Channel-specific factory configuration register (CHx_CFG_F)
11.2.36.1 Range indication bits (RANGE[3:0])
The range indication bits indicate the full scale range of the channel as shown in
Table 176.
RANGE[3]
RANGE[2]
RANGE[1]
RANGE[0]
Acceleration range
0
0
0
0
RESERVED
0
0
0
1
RESERVED
0
0
1
0
Medium
0
0
1
1
RESERVED
0
1
0
0
High
0
1
0
1
RESERVED
0
1
1
0
RESERVED
0
1
1
1
RESERVED
1
0
0
0
RESERVED
1
0
0
1
RESERVED
1
0
1
0
RESERVED
1
0
1
1
RESERVED
1
1
0
0
RESERVED
Table 176. Range indication bits (RANGE[3:0])
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
96 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com