Electronic Components Datasheet Search
  English  ▼

X  

FXLS90333 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # FXLS90333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90333 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button FXLS90333 Datasheet HTML 93Page - NXP Semiconductors FXLS90333 Datasheet HTML 94Page - NXP Semiconductors FXLS90333 Datasheet HTML 95Page - NXP Semiconductors FXLS90333 Datasheet HTML 96Page - NXP Semiconductors FXLS90333 Datasheet HTML 97Page - NXP Semiconductors FXLS90333 Datasheet HTML 98Page - NXP Semiconductors FXLS90333 Datasheet HTML 99Page - NXP Semiconductors FXLS90333 Datasheet HTML 100Page - NXP Semiconductors FXLS90333 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
RANGE[3]
RANGE[2]
RANGE[1]
RANGE[0]
Acceleration range
1
1
0
1
RESERVED
1
1
1
0
RESERVED
1
1
1
1
RESERVED
Table 176. Range indication bits (RANGE[3:0])...continued
11.2.36.2 Axis indication bits (AXIS[1:0])
The axis indication bits indicate the axes of sensitivity for the channel as shown in
Table 177.
AXIS[1]
AXIS[0]
Axis of sensitivity
0
0
X
0
1
Y
1
0
Z
1
1
RESERVED
Table 177. Axis indication bits (AXIS[1:0])
11.2.37 Self-test deflection storage registers
The self-test deflection registers are factory programmable OTP registers which contain
the nominal self-test values for the various self-tests at 25 °C. These registers are
included in the factory programmed OTP array error detection.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode when ENDINIT is not set. See Section 11.2.10 for details on the register read
process for these registers.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$A2
CH0_STL_P_L
CH0_STL_P[7:0]
$A3
CH0_STL_P_H
CH0_STL_P[15:8]
$A4
CH0_STH_P_L
CH0_STH_P[7:0]
$A5
CH0_STH_P_H
CH0_STH_P[15:8]
$A6
CH0_STL_N_L
CH0_STL_N[7:0]
$A7
CH0_STL_N_H
CH0_STL_N[15:8]
$A8
CH0_STH_N_L
CH0_STH_N[7:0]
$A9
CH0_STH_N_H
CH0_STH_N[15:8]
$B2
CH1_STL_P_L
CH1_STL_P[7:0]
$B3
CH1_STL_P_H
CH1_STL_P[15:8]
$B4
CH1_STH_P_L
CH1_STH_P[7:0]
$B5
CH1_STH_P_H
CH1_STH_P[15:8]
$B6
CH1_STL_N_L
CH1_STL_N[7:0]
$B7
CH1_STL_N_H
CH1_STL_N[15:8]
$B8
CH1_STH_N_L
CH1_STH_N[7:0]
$B9
CH1_STH_N_H
CH1_STH_N[15:8]
Table 178. Self-test deflection storage registers
The self-test values are positive and negative deflection values, measured at the factory,
and factory programmed for each device. The stored value is equal to one half of the
absolute value of the difference be tween the factory measured Chx-_SNSDATA0
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
97 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com