Electronic Components Datasheet Search
  English  ▼

X  

54ACT86 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54ACT86
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT86 Datasheet(HTML) 1 Page - Silicon Supplies

  54ACT86 Datasheet HTML 1Page - Silicon Supplies 54ACT86 Datasheet HTML 2Page - Silicon Supplies 54ACT86 Datasheet HTML 3Page - Silicon Supplies 54ACT86 Datasheet HTML 4Page - Silicon Supplies 54ACT86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 1.0
06/02/20
Quadruple 2-Input Exclusive OR Gate IC in bare die form
Advanced CMOS TTL Input – 54ACT86
Description
Features:
The 54ACT86 exclusive OR gate (XOR) is fabricated
using a 1.5µm advanced CMOS process which
combines the high speed performance of LSTTL with
CMOS low power consumption. This device contains
four independent gates and performs the Boolean
functions Y = A ⊕ B or Y = AB + AB. The device is
characterized over the full military temperature range.
Device inputs directly accept LSTTL or CMOS. All
inputs are protected against ESD and excess voltage
transients.
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 54LS86
Lower power alternative to bipolar logic
Full Military Temperature Range
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
1300 (51)
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
1300 x 1300
51 x 51`
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Assembled into Ceramic Package – On request
Die Thickness <> 350µm(14 Mils) – On request
Unsawn Wafer – On request
Sawn Wafer on Tape – On request
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 54ACT86

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT86 SS-54ACT86 Datasheet
464Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 06/02/20
54ACT86 SS-54ACT86 Datasheet
559Kb / 5P
AdvancedCMOSTTL Input
Rev 1.0 06/02/20
54ACT86 SS-54ACT86 Datasheet
355Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 14/05/25
54ACT86 SS-54ACT86 Datasheet
395Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 14/05/25
54ACT86 SS-54ACT86_V01 Datasheet
464Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 06/02/20
More results

Similar Description - 54ACT86

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT574 SS-54ACT574 Datasheet
909Kb / 6P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com