| Electronic Components Datasheet Search |
|
54ACT86 Datasheet(PDF) 3 Page - Silicon Supplies |
|
|
|||||||||||||||||||||||||||||
54ACT86 Datasheet(HTML) 3 Page - Silicon Supplies |
|
3 / 5 page ![]() Page 3 of 5 www.siliconsupplies.com Advanced CMOS TTL Input – 54ACT86 Rev 1.0 06/02/20 Recommended Operating Conditions3 (Voltages Referenced to GND) Absolute Maximum Ratings1 PARAMETER SYMBOL VALUE UNIT DC Supply Voltage (Referenced to GND) VCC -0.5 to +7.0 V DC Input Voltage (Referenced to GND) VIN -0.5 to VCC +0.5 V DC Output Voltage (Referenced to GND) VOUT -0.5 to VCC +0.5 V DC Input Current IIN ±20 mA DC Output Current, per pad IOUT ±50 mA DC Supply Current, VCC or GND, per pad ICC ±50 mA Power Dissipation in Still Air 2 PD 750 mW Storage Temperature Range TSTG -65 to 150 °C 1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method. 3. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. PARAMETER SYMBOL MIN MAX UNITS DC Supply Voltage VCC 4.5 5.5 V DC Input or Output Voltage VIN ,VOUT 0 VCC V Operating Temperature Range TJ -55 +125 °C Output current - High IOH - -24 mA Output current - Low IOL - 24 mA VCC = 4.5V 0 10 Input Rise or Fall rate (VIN from 0.8V to 2V) VCC = 5.5V Δt/ΔV 0 8 ns/V DC Electrical Characteristics (Voltages referenced to GND) 4. -55˚C ≤ TJ ≤ +125˚C 5. All outputs loaded; thresholds on input associated with output under test. 6. Test time 1sec max, measurement made by forcing indicated current and measuring voltage to minimize power dissipation. Test verifies a minimum 75Ω transmission-line drive capability at 125°C LIMITS PARAMETER SYMBOL VCC CONDITIONS 25°C 85°C FULL RANGE 4 UNITS 4.5V 2 2 2 Minimum High-Level Input Voltage VIH 5.5V VOUT = 0.1V or VCC -0.1V 2 2 2 V 4.5V 0.8 0.8 0.8 Maximum Low-Level Input Voltage VIL 5.5V VOUT = 0.1V or VCC -0.1V 0.8 0.8 0.8 V 4.5V 0.1 0.1 0.1 5.5V IOUT = 50µA 0.1 0.1 0.1 V 4.5V 0.36 0.44 0.50 5.5V VIN = VIL or VIH 5 IOL = 24mA 0.36 0.44 0.50 V 4.5V - - 1.65 Minimum Low-Level Output Voltage VOL 5.5V VIN = VIL or VIH 5,6 IOL = 50mA - - 1.65 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |