Electronic Components Datasheet Search
  English  ▼

X  

SSD0817Z Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD0817Z
Description  LCD Segment / Common Driver with Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD0817Z Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD0817Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD0817Z Datasheet HTML 43Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
SOLOMON
Rev 1
.3
01/2003
SSD0817 Series
36
APPLICATION EXAMPLES
Logic pin connections not specified above:
Pins connected to VDD: IRS, CS2, M/ S , CLS, IIC2, TEST0 - TEST7
Pins connected to VSS: VSS1,
1
CS , IIC1
Pins floating: DOF , CL, T0-T6
Pin connected to either VDD or VSS by user defined: C0, C1 and SA0
SDA in & SCL should be pulled high by a pair of resistors: 100k ohm
Figure 13 - Application Circuit of 104 x 64plus an icon line using SSD0817, configured with:
external VEE, internal regulator, divider mode enabled (Command: 2B), IIC data bus interface,
internal oscillator and master mode
DISPLAY PANEL SIZE
104 x 64 + 1 ICONS LINE
SSD0817IC
64 MUX
SEG0................................SEG103
Segment Remapped
[Command: A1]
ICONS
COM0
:
:
COM10
COM11
:
:
COM30
COM31
COM32
COM33
:
:
:
:
COM63
ICONS
COM44
COM45
:
:
:
:
:
COM63
ICONS
COM10
COM11
:
:
COM18
COM19
:
:
COM30
COM31
COM43.......COM32 SEG 103............................................................................SEG0 ICONS COM0 ....
External Vneg =
-9.5V
SDA out
Capacitor value: 0.1uF ~ 0.47 uF
VDD = 2.775V
VL2
VL3
VL4
VL5
VL6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com