Electronic Components Datasheet Search
  English  ▼

X  

ICS95V842 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS95V842
Description  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V842 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS95V842 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ICS95V842
0830A—09/10/04
Notes:
1.
2.
3.
4. Does not include jitter.
Switching characteristics are guaranteed for application frequency range. The
PLL Locks over the Max Clock Frequency range, but the device doe not
necessarily meet other timing parameters.
Refers to transition on noninverting output in PLL bypass mode.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies. This is due to the formula: duty cycle=twH/tc,
were the cycle (tc) decreases as the frequency goes up.
Switching Characteristics
TA = 0°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Max clock frequency
3
freqop
40
333
MHz
Application Frequency
Range
3
freqApp
60
220
MHz
Input clock duty cycle
dtin
40
60
%
Input clock slew rate
tsl(I)
12
v/ns
CLK stabilization
TSTAB
100
µs
Low-to high level propagation
delay time
tPLH
1
CLK_IN to any output
5.5
ns
High-to low level propagation
delay time
tPHL
1
CLK_IN to any output
5.5
ns
Output enable time
ten
PD# to any output
5
ns
Output disable time
tdis
PD# to any output
5
ns
Period jitter
tjit (per)
-75
75
ps
Half-period jitter
tjit(hper)
-75
75
ps
Output clock slew rate
tsl(o)
12.5
v/ns
Cycle to Cycle Jitter
tcyc-tcyc
-75
75
ps
Static Phase Offset
t(spo)
-50
50
ps
Output to Output Skew
tskew
40
60
ps
Over the application
frequency range



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com