Electronic Components Datasheet Search
  English  ▼

X  

ICS95V842 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS95V842
Description  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V842 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS95V842 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V842 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
ICS95V842
0830A—09/10/04
Block Diagram
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
Pin Configuration
Recommended Application:
1:2 DDRI Clock Driver
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
Feedback pins for input to output synchronization
•
Spread Spectrum tolerant inputs
•
With bypass mode mux
•
Operating frequency 60 to 220 MHz
Switching Characteristics:
•
CYCLE - CYCLE jitter: <75ps
•
OUTPUT - OUTPUT skew: <60ps
•
Period jitter: ±75ps
•
Half-Period jitter: ±75ps
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
D
N
GL
H
L
H
L
H
f
f
O
/
d
e
s
s
a
p
y
B
D
N
GH
L
H
L
H
L
f
f
O
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LH
L
H
L
H
n
O
V
5
.
2
)
m
o
n
(
HL
H
L
H
L
n
O
VDD2.5 1
16 GND
DDRT0 2
15 DDRC1
DDRC0 3
14 DDRT1
GND 4
13 VDD2.5
CLK_INT 5
12 FB_INC
CLK_INC 6
11 FB_INT
AVDD 7
10 FB_OUTT
AGND 8
9 FB_OUTC
16 pin SSOP
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
FB_OUTT
FB_OUTC
DDRT (1:0)
DDRC(1:0)
AVDD


Similar Part No. - ICS95V842

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
logo
Integrated Circuit Syst...
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842YFILF-T ICST-ICS95V842YFILF-T Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
More results

Similar Description - ICS95V842

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS91857 ICST-ICS91857 Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com