Electronic Components Datasheet Search
  English  ▼

X  

AN5095 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # AN5095
Description  Single chip IC with I2C bus interface for PAL/NTSC color TV system
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5095 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button AN5095 Datasheet HTML 9Page - Panasonic Semiconductor AN5095 Datasheet HTML 10Page - Panasonic Semiconductor AN5095 Datasheet HTML 11Page - Panasonic Semiconductor AN5095 Datasheet HTML 12Page - Panasonic Semiconductor AN5095 Datasheet HTML 13Page - Panasonic Semiconductor AN5095 Datasheet HTML 14Page - Panasonic Semiconductor AN5095 Datasheet HTML 15Page - Panasonic Semiconductor AN5095 Datasheet HTML 16Page - Panasonic Semiconductor AN5095 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
ICs for TV
AN5095K
s Electrical Characteristics at Ta = 25°C (continued)
• Design reference data (continued)
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Color signal processing circuit
Burst 150 mV[p-p] (PAL), reference is B-out
Demodulation output residual carrier
VCAR1
2fSC level of pin 60 and pin 61

30
mV
Color-difference output residual
VCAR2
2fSC level of pin 15, pin 16 and pin 17

50
mV
carrier
VCO free-running frequency (PAL)
fCP
Difference from f
= 4.433619 MHz
−300
300
Hz
VCO free-running frequency (NTSC)
fCN
Difference from f
= 3.579545 MHz
−300
300
Hz
fCO fluctuation with VCC
∆f
C /VCC
VCC1 = 9 V (allowance: ±10%),
−300
300
Hz
VCC3 = 5 V (allowance: ±10%)
Static phase error (PAL)
∆θ
P
Tint gap at
∆f
C = −300 Hz to +300 Hz

5
deg/
change
100 Hz
Static phase error (NTSC)
∆θ
N
Tint gap at
∆f
C = −300 Hz to +300 Hz

5
deg/
change
100 Hz
PAL/NTSC ratio
RP/N
Output amplitude ratio between PAL
0.7
1.0
1.3
Time
and NTSC
Line crawling
∆V
PAL
Pin 61: Output amplitude difference

50
mV
per 1H at -(R-Y) terminal
Color-difference output bandwidth
fCC
Band to become
−3 dB
1.0

MHz
Color-difference output fluctuation
∆V
C/V
VCC1 = 9 V (allowance: ±10%),

±15
%
with VCC
VCC3 = 5 V (allowance: ±10%)
Color-difference output -
∆V
C/T
Ta = −20°C to 70°C

±15
%
temperature characteristics
PAL/NTSC output impedance
RO60,61PN DC measurement
400
510
620
Ω
SECAM output impedance
RO60,61S DC measurement
100

k
Ω
Color, black & white DC
∆V
CBW
Pedestal voltage difference between
− 60
0
60
mV
difference voltage
with and without burst signal
(C-Y)/Y ratio *7
RC/Y
Color bar input, B-out contrast typ.
0.9
1.2
1.5
V[0-p]/
color data 00
= 30
V[0-p]
RGB processing circuit
YS change-over speed
fYS
fYS , when YS input is 3 V[0-p] and
7

MHz
output level is
−3 dB
Outside R, G, B input dynamic
VDEXT
Contrast max. data 03
= 3F
1.0

V[p-p]
range
Inside and outside crosstalk
CTRGB Leakage at f = 1 MHz, 1 V[p-p],

−50
dB
YS = 5 V
Synchronizing signal processing circuit
Lock detection output voltage
VLD
V18 at horizontal AFC lock
5.7
6.3
6.9
V
Lock detection charge and
ILD
DC measurement
±0.6
±0.8
±1.1
mA
discharge current
Note) *1 to *9: Refer to "Explanation of test methods".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com