Electronic Components Datasheet Search
  English  ▼

X  

AN5095 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # AN5095
Description  Single chip IC with I2C bus interface for PAL/NTSC color TV system
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5095 Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button AN5095 Datasheet HTML 17Page - Panasonic Semiconductor AN5095 Datasheet HTML 18Page - Panasonic Semiconductor AN5095 Datasheet HTML 19Page - Panasonic Semiconductor AN5095 Datasheet HTML 20Page - Panasonic Semiconductor AN5095 Datasheet HTML 21Page - Panasonic Semiconductor AN5095 Datasheet HTML 22Page - Panasonic Semiconductor AN5095 Datasheet HTML 23Page - Panasonic Semiconductor AN5095 Datasheet HTML 24Page - Panasonic Semiconductor AN5095 Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
ICs for TV
AN5095K
Pin No.
Equivalent circuit
Description
voltage
24
Pin24; VIF input pin-1
AC
25
Pin25; VIF input pin-2:
f
= f
P
Balanced input by VIF amp. input.
DC level
approx. 2.7 V
26
GND:
DC
For VIF and SIF circuit.
27
RF AGC output pin:
DC
Open collector output and usable at any
bias value (12 V max.).
28
Audio output pin
AC
0 kHz to
20 kHz
29
De-emphasis pin:
AC
De-emphasis filter pin for sound detection
0 kHz to
signal.
20 kHz
External C for PAL/NTSC is the same
(internal impedance changes).
PAL: 12 k
Ω//60 kΩ × 1 200 pF = 48 µs
NTSC: 60 k
Ω × 1 200 pF = 72 µs
s Terminal Equivalent Circuits (continued)
5 V
(VCC3)
25
24
SAW
150
µA 150 µA
27 k
Ω
1.2
k
Ω
1.2
k
Ω
3.5 V
5 V
(VCC3)
RF AGC
control bias
1F AGC
bias
To tuner
40
k
Ω
27
9 V
(VCC1)
100
µA 400 µA
270
Ω
28
9 V
(VCC1)
1.7 k
Ω
1200 pF
29
100
µA
60 k
Ω
120
k
Ω
NTSC
PAL
Detection output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com