Electronic Components Datasheet Search
  English  ▼

X  

PD70210 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD70210
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 4Page - Microchip Technology PD70210 Datasheet HTML 5Page - Microchip Technology PD70210 Datasheet HTML 6Page - Microchip Technology PD70210 Datasheet HTML 7Page - Microchip Technology PD70210 Datasheet HTML 8Page - Microchip Technology PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology PD70210 Datasheet HTML 11Page - Microchip Technology PD70210 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1.1.6
Power Good
During Soft Start mode, the PD70100/PD70200 IC monitors VPNOUT to VPNIN differential voltage. When this voltage
is less than 0.7 V (max.), the IC enters normal operation mode and the isolation switch current limit is increased to
1.8 A (typical). At this same 0.7 V (max.) threshold the Power Good signal is asserted by means of an open drain
MOSFET between PGOOD and VPNOUT.
PGOOD pin is active low; a low impedance state between PGOOD and VPNOUT indicates the Soft Start mode has
finished and the isolation switch has transitioned into normal operating mode.
PGOOD MOSFET can handle current of 5 mA and can be pulled up to VPP.
1.1.7
Auxiliary Voltage Output
PD70100/PD70200 IC provides a 10.5 V (typical) regulated output to be used as a start-up supply for DC/DC
controllers whose VCC is provided via a bootstrap winding. This regulated supply is available at VAUX pin, and is
referenced to VPNOUT pin. VAUX supply is designed for low-duty operation, and should not be designed as a primary
housekeeping supply. The current capability is continuous 2 mA, with 10 mA peak (≤10 ms). VAUX output is current-
limited at 10 mA (min.).
For stability, the VAUX regulator requires a minimum of 4.7 μF ceramic capacitor connected directly between VAUX
and VPNOUT pins.
1.1.8
Thermal Protection
Both PD70100 and PD70200 IC include temperature sensors which individually monitor both the isolation MOSFET
and the Classification Current Source for over temperature conditions. In case of an over temperature condition, the
sensor will activate protection circuitry which will disconnect its respective monitored function.
1.1.9
Bulk Capacitor Discharge
The bulk capacitor discharge circuitry eliminates the need to place a diode in series with the VPP line to prevent an
application’s bulk capacitance from discharging through the detection resistor and the isolation switch MOSFET’s
body diode. Discharge current through the detection resistor can cause failure of the detection signature in cases
where a PD is connected and the bulk capacitance is not fully discharged.
During normal operation, PD70100/PD70200 IC continuously monitors voltage at VPP to VPNIN. Should VPP to VPNIN
voltage fall below isolation switch turn-off threshold (31 V to 34 V), isolation switch MOSFET is immediately placed in
a high-impedance state. At this point the internal logic monitors the voltage at VPP to VPNOUT. If VPP to VPNOUT
voltage is between 1.5 V to 32 V, a 23 mA (min.) constant current source is connected across the VPP and VPNOUT
pins. This constant current source provides bulk capacitor discharge.
A 220 μF bulk capacitance can be discharged from 32 V to 1.5 V in a maximal period of 292 ms.
PD70100/PD70200
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com