Electronic Components Datasheet Search
  English  ▼

X  

PD70210 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD70210
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 5Page - Microchip Technology PD70210 Datasheet HTML 6Page - Microchip Technology PD70210 Datasheet HTML 7Page - Microchip Technology PD70210 Datasheet HTML 8Page - Microchip Technology PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology PD70210 Datasheet HTML 11Page - Microchip Technology PD70210 Datasheet HTML 12Page - Microchip Technology PD70210 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2.
Electrical Specifications
2.1
Absolute Maximum Ratings
Table 2-1. Absolute Maximum Ratings
Parameter
Description
Supply Input Voltage (VPP) Continuous
−0.3 V to 74 VDC
Supply Input Voltage (VPP) 1 ms pulse
−0.3 V to 88 VDC
Port Negative Out Voltage (VPNOUT)
−0.3 V to 74 VDC
RDET Continuous
−0.3 V to 74 VDC
RDET 1 mS pulse
−0.3 V to 88 VDC
RCLASS, RREF
−0.3 V to 5 VDC
VAUX
−0.3 V to 30 VDC
PGOOD, AT_FLAG (with respect to VPNOUT) Continuous
−0.3 V to 74 VDC
PGOOD, AT_FLAG (with respect to VPNOUT) 1 mS pulse
−0.3 V to 88 VDC
ESD Protection*
±1.5 kV HBM
Maximum Operating Junction Temperature (TA)
150 °C
Operating Ambient Temperature
−40 °C to 85 °C
Storage Temperature Range
−65 °C to 150 °C
Peak Package Solder Reflow Temp (40 seconds max exposure)
260 °C
* All pins except pin 11 (VAUX). Pin 11 ESD Protection ±150 V HBM.
** No pin voltage can be higher than Vpp.
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to VPNIN except for
Vaux, PGOOD and AT_FLAG with respect to VPNOUT. Currents are positive into, negative out of specified terminal.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” are not implied. Exposure to “Absolute Maximum Ratings” for
extended periods may affect device reliability.
2.2
Typical Electrical Performance
Unless otherwise specified, the following specifications apply over the operating ambient temperature −40 °C ≤ TAMB
≤ 85 °C. Production tests are done at 25 °C TA.
2.2.1
Power Supply
Table 2-2. Power Supply
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/
Comment
Input Voltage
VPP
0
55
57
V
Supports full IEEE
802.3af/at functionality
PD70100/PD70200
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com