Electronic Components Datasheet Search
  English  ▼

X  

RFPA5201ESB Datasheet(PDF) 6 Page - Qorvo, Inc

Part # RFPA5201ESB
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5201ESB Datasheet(HTML) 6 Page - Qorvo, Inc

  RFPA5201ESB Datasheet HTML 1Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 2Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 3Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 4Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 5Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 6Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 7
RFPA5201E
PCB Pattern
Notes
1. Shaded area represents Pin 1 location.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com