Electronic Components Datasheet Search
  English  ▼

X  

RFPA5201ESB Datasheet(PDF) 7 Page - Qorvo, Inc

Part # RFPA5201ESB
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5201ESB Datasheet(HTML) 7 Page - Qorvo, Inc

  RFPA5201ESB Datasheet HTML 1Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 2Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 3Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 4Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 5Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 6Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 7
RFPA5201E
Pin Names and Descriptions
Pin
Name
Description
1
VCC
This pin is connected internally to the collectors of RF device. To achieve specified performance, the layout of
the pin should match the Recommended Land Pattern.
2
PA_EN
High Impedance enable pin, Apply < 0.6VDC to power down the PA. Apply 1.75VDC to 5VDC to enable the
PA.
3
GND
Ground connection.
4
RF_IN
RF input, is internally matched to 50
Ω. DC Blocked
5
GND
Ground connection.
6
PA_EN
High Impedance enable pin, Apply < 0.6VDC to power down the PA. Apply 1.75VDC to 5VDC to enable the
PA.
7
VREG
PA bias voltage. This pin requires regulated supply for best performance.
8
PDET
Power detector provides an output voltage proportional to the RF output power level.
9
VCC3
This pin is connected internally to the collectors of RF device. To achieve specified performance, the layout of
the pin should match the Recommended Land Pattern
10
GND
Ground connection.
11
RFOUT
RF output. Internally matched to 50
Ω and DC Blocked
12
GND
Ground connection.
13
GND
Ground connection.
14
VCC3
This pin is connected internally to the collectors of RF device. To achieve specified performance, the layout of
the pin should match the Recommended Land Pattern
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as short
connection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com