Electronic Components Datasheet Search
  English  ▼

X  

RFPA5200 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFPA5200
Description  3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5200 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFPA5200 Datasheet HTML 1Page - Qorvo, Inc RFPA5200 Datasheet HTML 2Page - Qorvo, Inc RFPA5200 Datasheet HTML 3Page - Qorvo, Inc RFPA5200 Datasheet HTML 4Page - Qorvo, Inc RFPA5200 Datasheet HTML 5Page - Qorvo, Inc RFPA5200 Datasheet HTML 6Page - Qorvo, Inc RFPA5200 Datasheet HTML 7Page - Qorvo, Inc RFPA5200 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RFOUT
PA_EN
Vreg
NC/
GND
Pdet
VCC
3
1
10
2
9
8
7
4
GND
RFIN
GND
GND
5
6
Input
Match
Output
Match
Bias
Circuit
RFPA5200
3.3V to 5.0V, 2.4GHz to 2.5GHz
Integrated PA Module
RFPA5200 is a three-stage power amplifier (PA) designed for 802.11b/g/n
applications. The integrated input and output 50
Ω match eliminates the
need for any external matching components and greatly reduces layout
area, bill of materials (BOM) and manufacturability cost in the customer
application. The RFPA5200 is manufactured on an advanced InGaP het-
erojunction bipolar transistor (HBT) process. This PA is capable of achiev-
ing linear power up to 27dBm with an EVM < 3% while maintaining
excellent power added efficiency (PAE). The device is provided in a 4mm x
4mm x 1mm, 10-pin laminate package and it meets or exceeds the power
requirements of IEEE802.11b/g/n WiFi RF systems.
Features
POUT = 27dBm, 5V < 3%
Dynamic EVM
33dB Typical Gain
High PAE
Integrated Input and Output
50
Ω Match
Integrated Power Detector
Integrated Harmonic Filtering
Applications
WiFi 802.11 b/g/n
Applications
Consumer Premise
Equipment (CPE)
Picocell; Femtocell
Data Cards and Terminals
Wireless Access Points,
Gateways, Routers and Set
Top Box Applications
RFPA5200SB
5-Piece bag
RFPA5200SR
100-Piece reel
RFPA5200TR7
2500-Piece reel
RFPA5200SQ
25-Piece bag
RFPA5200PCK-410
RFPA5200 Eval board with 5-piece bag
RFPA5200PCK-411
RFPA5200 Balanced eval board with 5-piece bag
DS130606
Preliminary
Package: Laminate, 4mm x 4 mm x 1 mm


Similar Part No. - RFPA5200

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5200PCK-410 RFMD-RFPA5200PCK-410 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5200PCK-411 RFMD-RFPA5200PCK-411 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5200SB RFMD-RFPA5200SB Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5200SQ RFMD-RFPA5200SQ Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results

Similar Description - RFPA5200

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
logo
RF Micro Devices
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com