Electronic Components Datasheet Search
  English  ▼

X  

RFPA5200 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFPA5200
Description  3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5200 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFPA5200 Datasheet HTML 1Page - Qorvo, Inc RFPA5200 Datasheet HTML 2Page - Qorvo, Inc RFPA5200 Datasheet HTML 3Page - Qorvo, Inc RFPA5200 Datasheet HTML 4Page - Qorvo, Inc RFPA5200 Datasheet HTML 5Page - Qorvo, Inc RFPA5200 Datasheet HTML 6Page - Qorvo, Inc RFPA5200 Datasheet HTML 7Page - Qorvo, Inc RFPA5200 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RFPA5200
Preliminary
DS130606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions (continued)
Tx Performance - Generic
ESD
Human Body Model
1000
V
All pins
Charge Device Model
1000
V
All pins
Thermal Resistance
RTH_I
38
°C/W
VCC=5V, POUT = 27dBm, 64QAM 54Mbps, duty
cycle = 100%, heated stage = 85°C
TJ-MAX
175
°C
Pin Names and Descriptions
Pin
Name
Description
1RFIN
RF input, is internally matched to 50
Ω. DC Blocked
2GND
Ground connection.
3VCC
This pin is connected internally to the collectors of RF device. To achieve specified performance, the lay-
out of the pin should match the Recommended Land Pattern
4NC
No Connection internal, Can be grounded or left open
5PDET
Power detector provides an output voltage proportional to the RF output power level.
6RFOUT
RF output, is internally matched to 50
Ω. DC Blocked
7GND
Ground connection.
8GND
Ground connection.
9VREG
PA bias voltage. This pin requires regulated supply for best performance.
10
PA_EN
PA Enable pin, Apply < 0.6VDC to turn PA off. Apply 1.75VDC to 5VDC to enable the PA.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as
short connection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com