Electronic Components Datasheet Search
  English  ▼

X  

TC828A Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC828A
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC828A Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC828A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Switched Capacitor
Voltage Converters
TC828A
TC828A-1 5/1/00
TYPICAL CHARACTERISTICS
Circuit of Figure 3, VIN = +5V, C1 = C2 = C3, TA = +25°C, unless otherwise noted.
40
35
30
25
20
15
10
5
0
1.5
2.5
3
2
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
45
60
55
50
45
40
0
30
25
20
15
35
10
5
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
Output Resistance
vs. Supply Voltage
65
60
55
50
45
40
25
20
15
35
30
–40
–20
0
20
40
60
80
TEMPERATURE (
°C)
Output Resistance
vs. Temperature
65
VIN = 1.8V
VIN = 3.3V
VIN = 5.0V
Output Current vs. Capacitance
CAPACITANCE (
µF)
40
35
30
25
20
5
0
15
10
0
10
515
25
20
30 35 40 45 50
45
V
IN = 1.9V, VOUT = –1.5V
V
IN = 4.75V, VOUT = – 4.0V
V
IN = 3.15V, VOUT = – 2.5V
450
400
350
300
250
50
0
200
150
100
0
10
525
20
25
30
CAPACITANCE (
µF)
Output Voltage Ripple vs. Capacitance
500
V
IN = 4.75V, VOUT = – 4.0V
V
IN = 3.15V, VOUT = – 2.5V
V
IN = 1.9V, VOUT = – 1.5V
14
13
12
8
11
10
9
–40
0
–20
20
40
60
80
TEMPERATURE (
°C)
Pump Frequency vs. Temperature
15
V
IN = 5.0V
V
IN = 1.5V
V
IN = 3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com