Electronic Components Datasheet Search
  English  ▼

X  

TC828A Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC828A
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC828A Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC828A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC828A Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC828A-1
5/1/00 TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.
TC828A
Switched Capacitor Voltage Converter
FEATURES
s
Charge Pump in 5-Pin SOT-23A Package
s
>95% Voltage Conversion Efficiency
s
Voltage Inversion and/or Doubling
s
Low 38
µA Quiescent Current
s
Operates from +1.8V to +5.5V
s
Up to 25mA Output Current
s
Only Two External Capacitors Required
s
Lower Power Version of TCM828
APPLICATIONS
s
LCD Panel Bias
s
Cellular Phones
s
Pagers
s
PDAs, Portable Dataloggers
s
Battery-Powered Devices
GENERAL DESCRIPTION
The TC828A is a CMOS “charge-pump” voltage con-
verter in an ultra-small 5-Pin SOT-23A package. It can invert
and/or double an input voltage that can range from +1.8V to
+5.5V. Conversion efficiency is typically >95%, and switch-
ing frequency is 12KHz.
The external component requirement is only two ca-
pacitors (10
µF nominal) for standard voltage inverter appli-
cations.
With a few additional components a positive
doubler can also be built.
All other circuitry, including
control, oscillator, power MOSFETs are integrated on-chip.
Supply current is 38
µA typically.
The TC828A is available in a 5-Pin SOT-23A surface
mount package.
TYPICAL OPERATING CIRCUIT
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC828AECT
5-Pin SOT-23A
– 40
°C to +85°C
NOTE: 5-Pin SOT-23A is equivalent to EIAJ-SC74A.
PIN CONFIGURATION
5-Pin SOT-23A
NOTE: *5-Pin SOT-23A is equivalent to EIAJ SC-74A
Voltage Inverter
TC828A
VIN
V
OUTPUT
C+
C
C1
C2
INPUT
GND
OUT
C+
C–
OUT
TC828ECT
1
2
3
5
GND
VIN
4


Similar Part No. - TC828A

ManufacturerPart #DatasheetDescription
logo
France Joint
TC828X42X7 FRANCEJOINT-TC828X42X7 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
TC828X47X10 FRANCEJOINT-TC828X47X10 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - TC828A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com