Electronic Components Datasheet Search
  English  ▼

X  

TGA2224 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # TGA2224
Description  32 ??38 GHz 5 Watt GaN Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2224 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button TGA2224 Datasheet HTML 9Page - Qorvo, Inc TGA2224 Datasheet HTML 10Page - Qorvo, Inc TGA2224 Datasheet HTML 11Page - Qorvo, Inc TGA2224 Datasheet HTML 12Page - Qorvo, Inc TGA2224 Datasheet HTML 13Page - Qorvo, Inc TGA2224 Datasheet HTML 14Page - Qorvo, Inc TGA2224 Datasheet HTML 15Page - Qorvo, Inc TGA2224 Datasheet HTML 16Page - Qorvo, Inc TGA2224 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TGA2224
32  – 38 GHz 5 Watt GaN Amplifier
Data Sheet Rev. D, February 2021 | Subject to change without notice
13 of 21
www.qorvo.com
®
Performance Plots – Large Signal (CW)
Test conditions, unless otherwise noted: VD=24 V, IDQ=320 mA
, T=+25 °C, Freq. = 35 GHz
30
31
32
33
34
35
36
37
38
39
40
7
9
11
13
15
17
19
21
23
25
27
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
200mA
320mA
400mA
0
5
10
15
20
25
30
35
7
9
11
13
15
17
19
21
23
25
27
Input Power (dBm)
PAE vs. Input Power vs. IDQ
200mA
320mA
400mA
0
250
500
750
1000
1250
1500
7
9
11
13
15
17
19
21
23
25
27
Input Power (dBm)
Drain Current vs. Input Power vs. IDQ
200mA
320mA
400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com