Electronic Components Datasheet Search
  English  ▼

X  

TGA2224 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGA2224
Description  32 ??38 GHz 5 Watt GaN Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2224 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGA2224 Datasheet HTML 1Page - Qorvo, Inc TGA2224 Datasheet HTML 2Page - Qorvo, Inc TGA2224 Datasheet HTML 3Page - Qorvo, Inc TGA2224 Datasheet HTML 4Page - Qorvo, Inc TGA2224 Datasheet HTML 5Page - Qorvo, Inc TGA2224 Datasheet HTML 6Page - Qorvo, Inc TGA2224 Datasheet HTML 7Page - Qorvo, Inc TGA2224 Datasheet HTML 8Page - Qorvo, Inc TGA2224 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TGA2224
32  – 38 GHz 5 Watt GaN Amplifier
Data Sheet Rev. D, February 2021 | Subject to change without notice
2 of 21
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value / Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
-4 V to 0 V
Drain Current (ID1/ID2/ID3) (T=85 °C)
0.53
 / 0.85 / 1.72 A
Gate Current (IG)
See plot pg. 16
Power Dissipation (PDISS), 85 °C
30 W
Input Power (PIN
), 50 Ω, CW,
VD=24 V, IDQ=320 mA, 85 °C
27 dBm
Input Power (PIN), 3:1 VSWR, CW,
VD=24 V, IDQ=320 mA, 85 °C
27 dBm
Soldering Temperature (30 seconds,
maximum)
320 °C
Storage Temperature
-55 to +125 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
Recommended Operating Conditions
Parameter
Value / Range
Drain Voltage (VD, Pulsed)
26 V
Drain Voltage (VD, CW)
24 V
Drain Current (IDQ)
320 mA
Operating Temperature
−40 to +85 °C
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications
are
not
guaranteed
over
all
recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com