Electronic Components Datasheet Search
  English  ▼

X  

MAX41470 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX41470
Description  Evaluates the MAX4147X Sub-1GHz ISM Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX41470 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX41470 Datasheet HTML 17Page - Maxim Integrated Products MAX41470 Datasheet HTML 18Page - Maxim Integrated Products MAX41470 Datasheet HTML 19Page - Maxim Integrated Products MAX41470 Datasheet HTML 20Page - Maxim Integrated Products MAX41470 Datasheet HTML 21Page - Maxim Integrated Products MAX41470 Datasheet HTML 22Page - Maxim Integrated Products MAX41470 Datasheet HTML 23Page - Maxim Integrated Products MAX41470 Datasheet HTML 24Page - Maxim Integrated Products MAX41470 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Maxim Integrated │ 21
www.maximintegrated.com
Evaluates: MAX41470,
MAX41473, and MAX41474
MAX4147X Evaluation Kit
Register Value
The right-hand side of the
Register Interface section
displays the content of the selected device register. At
the top of the block, a header displays the name of the
selected register (eg “STATE_CTRL1”), the “Index” or
address of the register in both decimal (“0d”) and hexa-
decimal (“0000h”) form.
The body of this section shows a table with the names of
the individual bits for the selected 8b register along with
the current value programmed into each bit or bit group.
The remaining portion of the body shows a table with the
bit indexes, the type of register (write/read), the name of
the bit or bit group, the Reset value, and a description of
the bit or bit group.
Read and Write Registers
Most of the registers in the MAX4147X are both readable
and writable. The read-only registers are RSSI (0x10),
FEI (0x11), PDF_OUT (0x12), ISR (0x13), STATE_CTRL2
(0x15), PART_NUM (0x1E), and REV_NUM (0x1F).
Writing values to a register can be accomplished by
selecting the register of interest, typing a Hex or Dec
value into the
Value field, and clicking on the Write
Register X button (where X is the decimal address of the
register). Reading the register content is similar: select
the register of interest and click on the
Read Register X
button.
Register Bit Field
Individual bits or bit groups can be programmed without
having to enter the full value of the register. To program
a bit or group of bits, first select the register of interest
(WUT2, 0x18 for example), next select the bit or bit group
to be changed (TSBY_TDET_RATIO as an example),
enter the binary code for the new value (0000011b), and
hit
Enter—the new value will automatically be reflected in
the
Value field and will be written to the device.
Miscellaneous Software Information
The tool bar along the top of the GUI software provides a
couple of options to the user.
File and Help Menu
Selecting
File > Exit from the tool bar will close the GUI
program. This has the same effect as clicking the
X button
in the upper-right corner of the GUI software.
Selecting
Help > About from the tool bar will display
the splash screen. This window shows the name of the
software, the revision number, a copyright notice, a link
to the Maxim website, a link to the support website, and
a checkbox to enable or disable the splash screen during
startup. Click the
OK button to close the About window.
.xml File
The register descriptions for the MAX4147X GUI are
available in an .xml file which is stored with the executable
in the application directory. The default file loaded when
the GUI is initialized is MAX4147X_Registers.XML.
This file can be edited as needed to adjust the names of
fields, provide simple indicators to the GUI user, or allow
for flexible updates to the GUI interface in the future.
Use Cases
Two Interface Modes for
Data Transmission and Control
The MAX4147X allows a great deal of flexibility when it
comes to receiving data. Typically, the fewer pins used to
interface with the device, the simpler it is to control and
transmit data.
Preset Mode
Preset mode is the simplest interface of the three options.
It relies on the part number to choose the modulation
(MAX41473 for ASK; MAX41474 for FSK) and jumper
settings (or tri-level pin connections) to configure the part
for a defined carrier frequency (See Tables 4 and 5). With
the Preset mode, the data rate and frequency deviation,
in the case of FSK modulation, need to be within expected
ranges for proper operation.
I2C Mode
The I2C interface mode allows the user to access the
internal registers of the MAX41473/74 devices, permitting
full control over the receive frequency, data rate, thresh-
olds, bandwidths, etc.
This mode only requires two digital pins to interface with
the transmitter but has a more complicated, packet-based
protocol for interacting with the device. Once configured
for I2C interfacing by connecting the I2C/PRESET pin
to logic high, the MAX41473/74 can support a 2-wire
I2C-compatible serial interface consisting of a serial-
data line (SDA) and a serial-clock line (SCL). SDA and
SCL facilitate bidirectional communication between the
MAX41473/74 and the master (microcontroller) at clock
frequencies up to 1MHz. The master device initiates a
data transfer on the bus and generates the SCL signal to
permit data transfer. The MAX41473/74 functions as an
I2C slave device that transfers and receives data to and
from the master. It is necessary to pull SDA and SCL high
with external pullup resistors via population of the R8 and
R9 resistors and the installation of JU3 1-2 and 3-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com