Electronic Components Datasheet Search
  English  ▼

X  

MAX41470 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX41470
Description  Evaluates the MAX4147X Sub-1GHz ISM Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX41470 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX41470 Datasheet HTML 1Page - Maxim Integrated Products MAX41470 Datasheet HTML 2Page - Maxim Integrated Products MAX41470 Datasheet HTML 3Page - Maxim Integrated Products MAX41470 Datasheet HTML 4Page - Maxim Integrated Products MAX41470 Datasheet HTML 5Page - Maxim Integrated Products MAX41470 Datasheet HTML 6Page - Maxim Integrated Products MAX41470 Datasheet HTML 7Page - Maxim Integrated Products MAX41470 Datasheet HTML 8Page - Maxim Integrated Products MAX41470 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX41470,
MAX41473, and MAX41474
MAX4147X Evaluation Kit
FTHR Board Quick Start Procedure –
SPI and I2C Interface
Set up the MAX4147X EV kit and FTHR board hardware for
MCU/GUI operation as follows:
1) Verify that all jumpers on the MAX4147X EV kit board
are in the default position. (See Table 2 and 3 for SPI
and I2C respectively).
2) Connect the MAX4147X EV kit to the FTHR board,
making certain that the USB connector is oriented on
the opposite side of the SMA connector, as shown in
Figure 2.
3) Connect the FTHR board to the PC using a USB
Micro-B cable, and observe a “heartbeat” on the
FTHR board’s red LED (on the opposite side of board
from USB connector).
4) Connect the input signal to the LNA_INPUT SMA as
the RF signal using a low-loss SMA cable.
a. ASK modulated signal should be centered at
433.92MHz at 2kbps Manchester (e.g., a 2kHz
square wave).
Figure 1. MAX4147X EV Kit Jumpers
Figure 2. MAX4147XEVKIT Orientation to FTHR Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com