Electronic Components Datasheet Search
  English  ▼

X  

MAX38889 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX38889
Description  2.5V to 5.5V System Output Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38889 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX38889 Datasheet HTML 1Page - Maxim Integrated Products MAX38889 Datasheet HTML 2Page - Maxim Integrated Products MAX38889 Datasheet HTML 3Page - Maxim Integrated Products MAX38889 Datasheet HTML 4Page - Maxim Integrated Products MAX38889 Datasheet HTML 5Page - Maxim Integrated Products MAX38889 Datasheet HTML 6Page - Maxim Integrated Products MAX38889 Datasheet HTML 7Page - Maxim Integrated Products MAX38889 Datasheet HTML 8Page - Maxim Integrated Products MAX38889 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Click here to ask an associate for production status of specific part numbers.
MAX38889A Evaluation
Kit
Evaluates: MAX38889
319-100736; Rev 0; 4/21
General Description
The MAX38889A evaluation kit (EV kit) evaluates the
MAX38889 supercapacitor backup regulator, which is
designed to transfer power between a supercapacitor and
a system supply rail. When the main battery is present and
above the minimum system voltage for charging, the
MAX38889 charges the supercapacitor with an average
current of 1.5A.
Once the supercapacitor is charged, the circuit draws only
4
μA of current while it maintains the supercapacitor in its
ready state. When the main battery is removed, the
MAX38889 draws power from the supercapacitor and
regulates the system voltage to the set backup voltage with
a programmed maximum peak inductor current of 3A. The
MAX38889 is externally programmable for maximum
supercapacitor voltage, system backup voltage, peak
charging, and peak backup inductor currents.
Features and Benefits
• 2.5V to 5.5V System Output Voltage Range
• 0.5V to 5.5V Supercapacitor Voltage Range
• 3A Peak Charging and Backup Inductor Currents
• Resistor-Adjustable VSYS, VCAP Voltages
• Resistor-Adjustable Charging and Backup Currents
• Proven Two-Layer, 2oz Copper PCB Layout
• Demonstrates Compact Solution Size
• Fully Assembled and Tested
MAX38889A EV Kit Files
FILE
DESCRIPTION
MAX38889A EV BOM
EV Kit Bill of Materials
MAX38889A EV PCB Layout
EV Kit Layout
MAX38889A EV Schematic
EV Kit Schematic
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
• MAX38889A EV Kit
• 6V, 4A DC Power Supply
• Two Digital Multimeters (DMM)
Procedure
The EV kit is fully assembled and tested. Use the following
steps to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1)
Verify that a shunt is installed onto pins 1 and 2,
jumper ENC (charging enabled).
2)
Verify that a shunt is installed onto pins 1 and 2,
jumper ENB (backup enabled).
3)
Verify that jumper LOAD is opened. (No load is
connected across VSYS and PGND.)
4)
Set the power supply output to 3.4V and disable the
power supply.
5)
Connect the power supply between the VSYS and
PGND terminal posts.
6)
Connect the DMM between the VSYS and PGND
terminal posts.
7)
Connect the DMM between the VCAP and PGND
terminal posts.
8)
Enable the
power
supply and
verify that
the
supercapacitor voltage at VCAP is ramping up and
stops at about 2.7V.
9)
Disable and disconnect the power supply from the
VSYS and PGND terminal posts.
10) Verify
that
VSYS
regulates
to
3V
and
the
supercapacitor starts to discharge.
11) Install jumper JU2. (This connects a 4.02
Ω load
across VSYS and PGND.)
12) Verify that VSYS regulates to 3V while VCAP is
ramping down to 1V.
13) Verify that VSYS is 0V when VCAP drops below 1V.


Similar Part No. - MAX38889

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38889 MAXIM-MAX38889 Datasheet
585Kb / 17P
2.5V to 5.5V, 3A Reversible Buck/Boost Regulator for Backup Applications
Rev 1; 5/21
MAX38889AATE MAXIM-MAX38889AATE Datasheet
585Kb / 17P
2.5V to 5.5V, 3A Reversible Buck/Boost Regulator for Backup Applications
Rev 1; 5/21
More results

Similar Description - MAX38889

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
DS8008-07 RICHTEK-DS8008-07 Datasheet
388Kb / 14P
2.5V to 5.5V Input Range
RT9186AGF RICHTEK-RT9186AGF Datasheet
423Kb / 13P
2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX20323EVKIT MAXIM-MAX20323EVKIT Datasheet
698Kb / 9P
2.5V to 5.5V Operating Voltage Range Power LED Reading
Rev 0; 7/17
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
EHAOAN.
HS438 EHAOAN-HS438 Datasheet
1Mb / 8P
Supply voltage range: 2.5V~5.5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com