Electronic Components Datasheet Search
  English  ▼

X  

MAX38889 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38889
Description  2.5V to 5.5V System Output Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38889 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38889 Datasheet HTML 1Page - Maxim Integrated Products MAX38889 Datasheet HTML 2Page - Maxim Integrated Products MAX38889 Datasheet HTML 3Page - Maxim Integrated Products MAX38889 Datasheet HTML 4Page - Maxim Integrated Products MAX38889 Datasheet HTML 5Page - Maxim Integrated Products MAX38889 Datasheet HTML 6Page - Maxim Integrated Products MAX38889 Datasheet HTML 7Page - Maxim Integrated Products MAX38889 Datasheet HTML 8Page - Maxim Integrated Products MAX38889 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MAX38889A Evaluation Kit
Evaluates: MAX38889
www.maximintegrated.com
Maxim Integrated | 4
Ready Mode
The MAX38889A EV kit maximum supercapacitor voltage is set to 2.7V by resistors R1, R2, and R3 with VFBCH = 0.5V.
Once the sup
ercapacitor is charged to the set maximum charge voltage of 2.7V, the MAX38889 consumes only 4μA
current. The MAX38889A EV kit provides a RDY test point to monitor the supercapacitor charge status. The RDY test
point will be high when the voltage of the FBCR pin crosses the FBCR threshold (VTH_FBCR = 0.5V) set by R1, R2, and
R3. In this EV kit, the VCAP at which RDY goes high is 1.5V. Similarly, when the supercapacitor is providing backup, the
RDY flag goes low when the supercapacitor discharges below 1.5V.
Discharge (Backup) Mode
When the main battery is removed and VFBS drops to 1.2V, the MAX38889 draws power from the supercapacitor and
regulates the VSYS to the set backup voltage. The backup voltage is set to 3V by resistors R5 and R6 with VFBS = 1.2V.
The MAX38889A EV kit provides a BKB test point to monitor the system backup status. BKB is pulled low when the
system is backing up (the supercapacitor is discharging) and pulled high when the system is charging or in idle state.
Charge/Backup Current Configuration
The MAX38889A EV kit provides a resistor R4 to configure the charge/backup peak inductor current.
The peak inductor current is set by resistor R4 connecting between the ISET and GND pins.
LX _ CHG
33k
Ω
Peak charging current (I
)
3A
R4

= 

LX _ BU
33k
Ω
Peak backup current (I
)
3A
R4

= 

Set R4 to 33kΩ to ensure accurate current compliance.
Ordering Information
PART
TYPE
MAX38889AEVKIT#
EV Kit
#Denotes RoHS-compliant.
Component Suppliers
SUPPLIER
WEBSITE
AVX
www.avx.com
Kemet
www.kemet.com
Murata/TOKO
www.murata.com
Wurth Electronics
www.we-online.com
Note: Indicate that you are using the MAX38889A when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com