Electronic Components Datasheet Search
  English  ▼

X  

SD10 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # SD10
Description  Single Loop Controller Series BARGRAPH INDICATING ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SD10 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  SD10 Datasheet HTML 1Page - M-System Co.,Ltd. SD10 Datasheet HTML 2Page - M-System Co.,Ltd. SD10 Datasheet HTML 3Page - M-System Co.,Ltd. SD10 Datasheet HTML 4Page - M-System Co.,Ltd. SD10 Datasheet HTML 5Page - M-System Co.,Ltd. SD10 Datasheet HTML 6Page - M-System Co.,Ltd. SD10 Datasheet HTML 7Page - M-System Co.,Ltd. SD10 Datasheet HTML 8Page - M-System Co.,Ltd. SD10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: SD10
http://www.m-system.co.jp/
SD10 SPECIFICATIONS
ES-6341 Rev.3 Page 3/9
Rated load: 240 V AC @ 1 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 60 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 2 × 107 cycles
INSTALLATION
Power consumption
AC:
≤ 14 VA at 100 V
≤ 17 VA at 200 V
≤ 19 VA at 264 V
•DC: ≤ 7.3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 5 to 90 %RH (non-condensing)
Mounting: Panel flush mounting (high-density mounting in
horizontal direction)
Weight: 1.8 kg (4.0 lb)
PERFORMANCE in percentage of span
Accuracy: Input accuracy + output accuracy
• Input accuracy: ±0.1%
• Output accuracy:
±0.1 % DC output
±1 % ±1 digit (bargraph)
±0.1 % ±1 digit (digital indicator)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90%, moving average
sample number set to 4)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @ 1 minute (Input 1 or Input 2 or input 3 or
supply output to DC output 1 or DC output 2 or DC output 3
to alarm output 1 or alarm output 2 or alarm output 3 to
power to FG)
500 V AC @ 1 minute (Input 1 to Input 2 to input 3 to supply
output)
500 V AC @ 1 minute (DC output 1 to DC output 2 to DC
output 3)
500 V AC @ 1 minute (alarm output 1 to alarm output 2 to
alarm output 3)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com