Electronic Components Datasheet Search
  English  ▼

X  

SD10 Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # SD10
Description  Single Loop Controller Series BARGRAPH INDICATING ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SD10 Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  SD10 Datasheet HTML 1Page - M-System Co.,Ltd. SD10 Datasheet HTML 2Page - M-System Co.,Ltd. SD10 Datasheet HTML 3Page - M-System Co.,Ltd. SD10 Datasheet HTML 4Page - M-System Co.,Ltd. SD10 Datasheet HTML 5Page - M-System Co.,Ltd. SD10 Datasheet HTML 6Page - M-System Co.,Ltd. SD10 Datasheet HTML 7Page - M-System Co.,Ltd. SD10 Datasheet HTML 8Page - M-System Co.,Ltd. SD10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: SD10
http://www.m-system.co.jp/
SD10 SPECIFICATIONS
ES-6341 Rev.3 Page 8/9
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Bargraph LED
CH1
(IND)
+
–
INPUT 1 (Ai1)
+
–
+
–
INPUT 2 (Ai2)
+
–
+
–
INPUT 3 (Ai3)
SUPPLY OUTPUT
+
–
29
+
30
–
24 V DC
Supply
33
32
44
43
47
46
(M)
(UP)
(FAST)
(DOWN)
3 +
4 –
DC OUTPUT 1 (Ao1)*
12
13
U(+)
V(–)
26 FG
14
1
15
2 HHa1
Hc1, HHc1
HHb1
Ha1
HH OUTPUT 1
H OUTPUT 1
40
41
27
28 LLa1
Lc1, LLc1
LLb1
La1
LL OUTPUT 1
L OUTPUT 1
CH2
5 +
6 –
DC OUTPUT 2 (Ao2)*
18
16
19
17 HHa2
Hc2, HHc2
HHb2
Ha2
22
20
23
21 LLa2
Lc2, LLc2
LLb2
La2
CH3
7 +
8 –
24
10
25
11 HHa3
Hc3, HHc3
HHb3
Ha3
51
52
38
39 LLa3
Lc3, LLc3
LLb3
La3
34
35
36
37
31
42
45
48
49
50
9
HH OUTPUT 2
H OUTPUT 2
LL OUTPUT 2
L OUTPUT 2
DC OUTPUT 3 (Ao3)*
HH OUTPUT 3
H OUTPUT 3
LL OUTPUT 3
L OUTPUT 3
Isolation
Isolation
Isolation
Digital Meter
Isolation
Isolation
Output
Circuit
Isolation
Isolation
Output
Circuit
Isolation
Isolation
Output
Circuit
POWER
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Digital
Computation
CONNECTION (2-Wire transmitter)
B
C
+
29
30
+
Supply output
Input 1, 2 or 3 (Current input only)
* Not available for output code /Y
–
+
–
–
2-Wire
transmitter
**
** Not applicable to smart transmitters



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com