Electronic Components Datasheet Search
  English  ▼

X  

VOS-E Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # VOS-E
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS-E Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  VOS-E Datasheet HTML 1Page - M-System Co.,Ltd. VOS-E Datasheet HTML 2Page - M-System Co.,Ltd. VOS-E Datasheet HTML 3Page - M-System Co.,Ltd. VOS-E Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: VOS-E
http://www.m-system.co.jp/
VOS-E SPECIFICATIONS
ES-4763 Rev.9 Page 3/4
DIMENSIONS unit: mm (inch)
45
22.5
LEVER
HINGE
(vinyl tube)
95 (3.74)
approx.
61(2.40)
approx.
24 (.94)
WIRING CONDUIT
(right position)
WIRING CONDUIT
(left position)
1/2 NPT FITTING
105 (4.13)
30 (1.18)
CONNECT-
ING PIN
35 (1.38)
69 (2.72)
88.5 (3.48)
18.5 (.73)
approx. 36 (1.42)
approx. 106 (4.17)
4–M5 TAP 10 (.39) deep
35
(1.38)
Stroke 10 – 30 mm (.39" – 1.18")
LEVER SIZE mm (inch)
R12 – R45
54 (2.13)
Stroke 30 – 100 mm (1.18" – 3.94") R38 – R132
141 (5.55)
Stroke 25 – 60 mm (.98" – 2.36")
R30 – R82.5 91.5 (3.60)
LEVER TYPE
A
B
Lever Attached to the Upper Side
Lever Attached to the Lower Side
approx. 106 (4.17)
35 (1.38)
69 (2.72)
88.5 (3.48)
•Stroke 10 – 30 mm
•Stroke 10 – 30 mm
18.5 (.73)
approx. 36 (1.42)
•Storke 30 – 100 mm or 25 – 60 mm
•Storke 30 – 100 mm or 25 – 60 mm
O
O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com