Electronic Components Datasheet Search
  English  ▼

X  

VOS-E Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # VOS-E
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS-E Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  VOS-E Datasheet HTML 1Page - M-System Co.,Ltd. VOS-E Datasheet HTML 2Page - M-System Co.,Ltd. VOS-E Datasheet HTML 3Page - M-System Co.,Ltd. VOS-E Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: VOS-E
http://www.m-system.co.jp/
VOS-E SPECIFICATIONS
ES-4763 Rev.9 Page 1/4
Position Sensors
2-WIRE POSITION TRANSMITTER
(flameproof, linear motion type)
Functions & Features
• Differential transformer incorporated
• Light weight and compact design
• High resolution
• Zero & Span adjustable without opening the cover
• Direct or reverse action selectable
Typical Applications
• Detecting stroke positions of a valve actuator or moving
positions of other mechanisms and transmits standard 4 to
20 mA DC proportional to the position
226 (8.90)
mm (inch)
MODEL: VOS–E–[1][2][3][4]]5]
ORDERING INFORMATION
Code number: VOS-E-[1][2][3][4][5]
Specify a code from below for each [1] through [5].
(e.g. VOS-E-1321/C/R1)
[1] ACTION
1: Direct
(output increases with counterclockwise lever operation)
2: Reverse
(output decreases with counterclockwise lever operation)
Note: Counterclockwise if seen from the upper (cover) side.
[2] WIRING CONDUIT
3: G 1/2 (located at the right side)
4: G 1/2 (located at the left side)
5: 1/2 NPT fitting (located at the right side)
6: 1/2 NPT fitting (located at the left side)
[3] LEVER
1: Stroke 10 – 30 mm (0.39" – 1.18")
2: Stroke 30 – 100 mm (1.18" – 3.94")
3: Stroke 25 – 60 mm (0.98" – 2.36")
[4] LEVER POSITION
1: Upper side
2: Lower side
[5] OPTIONS (multiple selections)
Clamp Set
blank: Without
/C: With Clamp set
Applicable cable dia.
blank: 6 < dia. ≤ 8
/R1: 8 < dia. ≤ 10
/R2: 10 < dia. ≤ 12
GENERAL SPECIFICATIONS
Degree of protection: IP55
Action: Direct or reverse; field selectable by change of the
jumper pins' positions
Wiring conduit: G 1/2 or 1/2 NPT female
Cable gland: Flameproof packing (direct lead)
Connection: M3.5 screw terminals (torque 0.8 N·m)
Material
Housing: Cast aluminium
Position sensor: PBT (30 % fiber glass)
Painting color: Silver
Isolation: Output to metal housing
Zero adjustment: -5 – +5 % of effective rotating angle
Span adjustment: 60 – 105 % of effective rotating angle
INPUT SPECIFICATIONS
Input: Mechanical rotating angle
Effective rotating angle: -22.5 – +22.5° (45°)
Maximum rotating angle: -27.5°– + 27.5°(55°)
Torque: 0.324 N·m (0.239 ft·lbf)
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Output impedance: 1 MΩ min.
Load resistance v.s. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance; refer to the graph)
Output characteristics: Proportional to the sine of rotating
angle of the lever


Similar Part No. - VOS-E

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VOS-3-1/8 FESTO-VOS-3-1/8 Datasheet
86Kb / 1P
Stem actuated valve
4/8/22
logo
Pepperl+Fuchs Inc.
VOS-IL-F236W-10 PF-VOS-IL-F236W-10 Datasheet
2Mb / 6P
Ring lighting
2022-09-20
VOS-IL-F236W-49 PF-VOS-IL-F236W-49 Datasheet
2Mb / 6P
Ring lighting
2022-09-20
VOS-IL-F237W-44 PF-VOS-IL-F237W-44 Datasheet
1Mb / 6P
Bar lighting
2022-10-21
VOS-IL-F237W-4819 PF-VOS-IL-F237W-4819 Datasheet
1Mb / 6P
Bar lighting
2022-10-21
More results

Similar Description - VOS-E

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
553744 FESTO-553744 Datasheet
80Kb / 1P
Position transmitter
1531268 FESTO-1531268 Datasheet
90Kb / 2P
Position transmitter
1531269 FESTO-1531269 Datasheet
89Kb / 2P
Position transmitter
8063974 FESTO-8063974 Datasheet
101Kb / 2P
Position transmitter
8063975 FESTO-8063975 Datasheet
94Kb / 2P
Position transmitter
logo
M-System Co.,Ltd.
VOS2T MSYSTEM-VOS2T Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS2T-R MSYSTEM-VOS2T-R Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
logo
Festo Corporation.
8115394 FESTO-8115394 Datasheet
95Kb / 2P
Position transmitter
7/11/22
8115395 FESTO-8115395 Datasheet
92Kb / 2P
Position transmitter
7/11/22
8115396 FESTO-8115396 Datasheet
92Kb / 2P
Position transmitter
7/11/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com