Electronic Components Datasheet Search
  English  ▼

X  

A71CL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # A71CL
Description  Plug & Trust Secure Element
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A71CL Datasheet(HTML) 4 Page - NXP Semiconductors

  A71CL Datasheet HTML 1Page - NXP Semiconductors A71CL Datasheet HTML 2Page - NXP Semiconductors A71CL Datasheet HTML 3Page - NXP Semiconductors A71CL Datasheet HTML 4Page - NXP Semiconductors A71CL Datasheet HTML 5Page - NXP Semiconductors A71CL Datasheet HTML 6Page - NXP Semiconductors A71CL Datasheet HTML 7Page - NXP Semiconductors A71CL Datasheet HTML 8Page - NXP Semiconductors A71CL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
512330
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 10 September 2020
512331
4 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element
3.4 Functional features
400 kbit/s I2C Fast-mode interface
−40 °C to +90 °C operational ambient temperature (A7102)
On-chip Javacard operating system
40
µA typical sleep mode current with I2C pads in tristate mode
10
µA max deep sleep mode current with I2C pads in tristate mode
High-performance Public Key Infrastructure (PKI)
EEPROM with min 500,000 cycles endurance and min 25 years retention time
HVSON8 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com