Electronic Components Datasheet Search
  English  ▼

X  

A71CL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # A71CL
Description  Plug & Trust Secure Element
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A71CL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button A71CL Datasheet HTML 7Page - NXP Semiconductors A71CL Datasheet HTML 8Page - NXP Semiconductors A71CL Datasheet HTML 9Page - NXP Semiconductors A71CL Datasheet HTML 10Page - NXP Semiconductors A71CL Datasheet HTML 11Page - NXP Semiconductors A71CL Datasheet HTML 12Page - NXP Semiconductors A71CL Datasheet HTML 13Page - NXP Semiconductors A71CL Datasheet HTML 14Page - NXP Semiconductors A71CL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
512330
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 10 September 2020
512331
11 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element
9.
Packing information
9.1 Reel packing
The A71CL product is available on 7” tape on reel and 13” tape on reel. Details are
provided in Table 7.
[1]
For details about packing method, product orientation, tape dimensions and labeling for A71 parts in
HVSON8 package having an ordering code (12NC) ending 118 refer to Ref. 2.
10. Electrical and timing characteristics
The electrical interface characteristics of static (DC) and dynamic (AC) parameters for
pads and functions used for I2C are in accordance with the NXP I2C specification (see
Ref. 1).
11. Limiting values
[1]
MIL Standard 883-D method 3015; human body model; C = 100 pF, R = 1.5 k
Ω; T
amb = −25 °C to +85 °C.
[2]
Depending on appropriate thermal resistance of the package.
[3]
JESD22-C101, JEDEC Standard Field induced charge device model test method.
Table 7.
Reel packing options
Package type
Reel type
Minimum packing quantity
HVSON8
7” tape on reel
1500
HVSON8
13” tape on reel[1]
6000
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.3
+4.6
V
VI
input voltage
any signal pad
-0.3
+4.6
V
II
input current
pad I2C_SDA,
I2C_SCL
-
10
mA
IO
output current
pad I2C_SDA,
I2C_SCL
-
10
mA
Ilu
latch-up current
VI < 0 V or VI > VDD
-
100
mA
Vesd_hbm
electrostatic discharge
voltage (Human Body
Model)
pads VCC, VSS,
RST_N, I2C_SDA,
I2C_SCL
[1]
± 2.0
kV
Vesd_cdm
electrostatic discharge
voltage (Charge Device
Model)
pads VCC, VSS,
RST_N, I2C_SDA,
I2C_SCL
[3]
± 500
V
Ptot
Total power dissipation
[2] -
1
W
Tstg
Storage temperature
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com