Electronic Components Datasheet Search
  English  ▼

X  

LM25005MH Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005MH
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005MH Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM25005MH Datasheet HTML 1Page - National Semiconductor (TI) LM25005MH Datasheet HTML 2Page - National Semiconductor (TI) LM25005MH Datasheet HTML 3Page - National Semiconductor (TI) LM25005MH Datasheet HTML 4Page - National Semiconductor (TI) LM25005MH Datasheet HTML 5Page - National Semiconductor (TI) LM25005MH Datasheet HTML 6Page - National Semiconductor (TI) LM25005MH Datasheet HTML 7Page - National Semiconductor (TI) LM25005MH Datasheet HTML 8Page - National Semiconductor (TI) LM25005MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Pin Descriptions
Pin(S)
Name
Description
Application Information
1
VCC
Output of the bias regulator
Vcc tracks Vin up to 9V. Beyond 9V, Vcc is regulated to
7 Volts. A 0.1uF to 1uF ceramic decoupling capacitor is
required. An external voltage (7.5V – 14V) can be
applied to this pin to reduce internal power dissipation.
2
SD
Shutdown or UVLO input
If the SD pin voltage is below 0.7V the regulator will be in
a low power state. If the SD pin voltage is between 0.7V
and 1.225V the regulator will be in standby mode. If the
SD pin voltage is above 1.225V the regulator will be
operational. An external voltage divider can be used to
set a line undervoltage shutdown threshold. If the SD pin
is left open circuit, a 5µA pull-up current source
configures the regulator fully operational.
3, 4
Vin
Input supply voltage
Nominal operating range: 7V to 42V
5
SYNC
Oscillator synchronization input or
output
The internal oscillator can be synchronized to an external
clock with an external pull-down device. Multiple
LM25005 devices can be synchronized together by
connection of their SYNC pins.
6
COMP
Output of the internal error amplifier
The loop compensation network should be connected
between this pin and the FB pin.
7
FB
Feedback signal from the regulated
output
This pin is connected to the inverting input of the internal
error amplifier. The regulation threshold is 1.225V.
8
RT
Internal oscillator frequency set input
The internal oscillator is set with a single resistor,
connected between this pin and the AGND pin. The
recommended frequency range is 50KHz to 500KHz.
9
RAMP
Ramp control signal
An external capacitor connected between this pin and the
AGND pin sets the ramp slope used for current mode
control. Recommended capacitor range 50pF to 2000pF.
10
AGND
Analog ground
Internal reference for the regulator control functions
11
SS
Soft-start
An external capacitor and an internal 10µA current
source set the time constant for the rise of the error amp
reference. The SS pin is held low during standby, Vcc
UVLO and thermal shutdown.
12
OUT
Output voltage connection
Connect directly to the regulated output voltage.
13, 14
PGND
Power ground
Low side reference for the PRE switch and the IS sense
resistor.
15, 16
IS
Current sense
Current measurement connection for the re-circulating
diode. An internal sense resistor and a sample/hold
circuit sense the diode current near the conclusion of the
off-time. This current measurement provides the DC level
of the emulated current ramp.
17, 18
SW
Switching node
The source terminal of the internal buck switch. The SW
pin should be connected to the external Schottky diode
and to the buck inductor.
19
PRE
Pre-charge assist for the bootstrap
capacitor
This open drain output can be connected to SW pin to
aid charging the bootstrap capacitor during very light load
conditions or in applications where the output may be
pre-charged before the LM25005 is enabled. An internal
pre-charge MOSFET is turned on for 250ns each cycle
just prior to the on-time interval of the buck switch.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com