Electronic Components Datasheet Search
  English  ▼

X  

LM25005MH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005MH
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005MH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM25005MH Datasheet HTML 1Page - National Semiconductor (TI) LM25005MH Datasheet HTML 2Page - National Semiconductor (TI) LM25005MH Datasheet HTML 3Page - National Semiconductor (TI) LM25005MH Datasheet HTML 4Page - National Semiconductor (TI) LM25005MH Datasheet HTML 5Page - National Semiconductor (TI) LM25005MH Datasheet HTML 6Page - National Semiconductor (TI) LM25005MH Datasheet HTML 7Page - National Semiconductor (TI) LM25005MH Datasheet HTML 8Page - National Semiconductor (TI) LM25005MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin Descriptions (Continued)
Pin(S)
Name
Description
Application Information
20
BST
Boost input for bootstrap capacitor
An external capacitor is required between the BST and
the SW pins. A 0.022µF ceramic capacitor is
recommended. The capacitor is charged from Vcc via an
internal diode during the off-time of the buck switch.
NA
EP
Exposed Pad
Exposed metal pad on the underside of the device. It is
recommended to connect this pad to the PWB ground
plane, in order to aid in heat dissipation.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com