Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC490
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490 Datasheet(HTML) 4 Page - Analog Devices

  HMC490 Datasheet HTML 1Page - Analog Devices HMC490 Datasheet HTML 2Page - Analog Devices HMC490 Datasheet HTML 3Page - Analog Devices HMC490 Datasheet HTML 4Page - Analog Devices HMC490 Datasheet HTML 5Page - Analog Devices HMC490 Datasheet HTML 6Page - Analog Devices HMC490 Datasheet HTML 7Page - Analog Devices HMC490 Datasheet HTML 8Page - Analog Devices HMC490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC980
v00.0312
Active BiAs controller
High current
electrical specifications, t
A = +25°c, vDD=12v, vDiG= 3.3v, Depletion Master
Unless Otherwise Noted
parameter
symbol
Conditions
Min.
typ.
Max.
Units
supply Voltage
Vdd
5
16.5
V
VDD Quiescent Current
iDD
VDD = 5V
en = VDiG
19
ma
en = GnD
7.5
ma
VDD = 12V
en = VDiG
20
ma
en = GnD
9
ma
VDiG Quiescent Current
iDiG
VDiG= 3.3 V
3.5
ma
VDiG= 5 V
6.5
ma
Charge pump oscillator Frequency
FosC
300
khz
Voltage reference
VreF
1.44
V
alMtriG input threshold
alMtriG
Vinlow
1
V
Vinhigh
1.4
V
enable input threshold
enthrs
Vinlow
1
V
Vinhigh
1.4
V
s0, s1 input threshold
sWthrs
Vinlow
1
V
Vinhigh
1.4
V
VDRAIN Characteristics
Drain Current adjustment range
iDrain
s1=s0=GnD
0.05
0.3
a
s1=GnD, s0=VDiG
0.3
0.6
a
s1=VDiG, s0=GnD
0.6
1.2
a
s1=VDiG, s0=VDiG
1.2
1.6
a
Drain Current Change over Digital Voltage
ΔiDrainV
VDrain set to 12V,
iDrain set to 400 ma
0.4
%/V
Drain Current Change over temperature
0.023
%/C
Drain range
VDrain
5
16.5
V
VDrain Change over temperature
ΔVDrain
VDrain set to 12V,
iDrain set to 400 ma
0.02
%/C
VNEG Characteristics
negative Voltage output
VneG
-2.46
V
VneG Current sink
ineG
0
60
ma
VGATE Characteristics
Gate Current supply
iG
-4
4
ma
VGate low level
VG_Min
VneG
V
VGate high level
VG_MaX
VneG+4.5
V
VG2 Characteristics
VG2 Current supply
iG2
VG2<2V
-0.1
0.1
ma
6V>VG2>2V
-1
1
ma
VG2>6V
-5
5
ma
VG2 adjustment range
VG2
1
VDD-1.3
V
VDIG Characteristics
adjustment range
VDiG
3.3
5
V
VDiG Quiescent Current
iDiG
VDD= 12V,
VDiG=en =3.3 V
3.5
ma
SW Characteristics
internal switch resistance
rDs_on
s1=s0=GnD
2.8
ohm
s1=GnD, s0=VDiG
1.55
ohm
s1=VDiG, s0=GnD
0.85
ohm
s1=VDiG, s0=VDiG
0.7
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com