Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC490
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC490 Datasheet HTML 4Page - Analog Devices HMC490 Datasheet HTML 5Page - Analog Devices HMC490 Datasheet HTML 6Page - Analog Devices HMC490 Datasheet HTML 7Page - Analog Devices HMC490 Datasheet HTML 8Page - Analog Devices HMC490 Datasheet HTML 9Page - Analog Devices HMC490 Datasheet HTML 10Page - Analog Devices HMC490 Datasheet HTML 11Page - Analog Devices HMC490 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC980
v00.0312
Active BiAs controller
High current
outline Drawing
Absolute Maximum ratings
VDD
18V
s0, s1, en, alM,alMtrG, VreF,
VneGFB, VGateFB, triG_oUt,
isense, alMl, iset, alMh, FiX-
Bias
-0.5V to VDiG + 0.5V
Cp_VDD
VDD-0.5V to VDD+0.5V
Cp_oUt, VG2_Cont, VG2, VDrain
-0.5V to VDD + 0.5V
VDiG
5.5V
VneG
-4V to GnD
VGate
VneG to GnD
Junction temperature
125 °C
eleCtrostatiC sensitiVe DeViCe
oBserVe hanDlinG preCaUtions
Continuous pdiss (t = 85 °C)
(Derate 94.79 mW/°C above 85 °C)
3.8 Watt
thermal resistance (r
th)
(Junction to package bottom)
10.6 °C/W
storage temperature
-65 to +150 °C
operating temperature
-55 to +85 °C
esD sensitivity (hBM)
Class 1a
note that there are two different voltage domains on hMC980; a
high voltage domain Vdd, and a low voltage domain VDiG. take
necessary precautions not to violate aBs MaX ratings of each
subdomains.
notes:
1. all DiMensions are in inChes [MM]
2. Die thiCKness is .010”
3. BonD paD per taBle
4. BonD paD MetaliZation: alUMinUM
5. no BaCKsiDe Metal
6. oVerall Die siZe ±.002”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com