Electronic Components Datasheet Search
  English  ▼

X  

PL623-38 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL623-38
Description  Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL623-38 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL623-38 Datasheet HTML 1Page - PhaseLink Corporation PL623-38 Datasheet HTML 2Page - PhaseLink Corporation PL623-38 Datasheet HTML 3Page - PhaseLink Corporation PL623-38 Datasheet HTML 4Page - PhaseLink Corporation PL623-38 Datasheet HTML 5Page - PhaseLink Corporation PL623-38 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
PL623-38
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 05/03/05 Page 1
FEATURES
• Input: 65-130MHz 3rd Overtone or fundamental
Crystal
• Output frequency: Up to 130MHz
• Selectable /2, /4, /8 output dividers with 60KΩ
pull up resistor on the selector pins
• Available output: PECL
• Supports 2.5V or 3.3V-Power Supply
• Available in die form
DESCRIPTION
PL623-38 is an XO IC specifically designed to work
with high frequency 3rd overtone or fundamental
crystals from 65MHz to 135MHz. It requires an
external resistor for the 3rd overtone selection. Its
design was optimized to tolerate higher limits of
inter-electrodes capacitance and bonding
capacitance to improve yield. It achieves very low
current into the crystal resulting in better overall
stability. It is ideal for XO applications requiring
PECL output levels at high frequencies.
BLOCK DIAGRAM
DIE CONFIGURATION
Note: ‘^’ Denotes 60kΩ pull-up resistor
DIE SPECIFICATIONS
Name
Value
Size
57.5 x 56.5 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
OE SELECTION
Pad #12
OESEL
Pad #22
OECTRL
State
0
Tri-state
1
1
Output enabled (default)
0
Output enabled (default)
0
(default)
1
Tri-state
Pad #12: Bond to VDD to set to “1”
Pad #22: Logical states defined by PECL levels
OUTPUT DIVIDER SELECTOR LOGIC
SEL 0
SEL1
Output
0
0
No Divider
1
0
Divide by 2
0
1
Divide by 4
1
1
Divide by 8
XIN
XOUT
OECTRL
Q
PL623-38
Q
Oscillator
Amplifier
Y
X
(0,0)
(1460,1435)
57.5 mil
XIN
XOUT
GNDBUF
Q
Q
VDDBUF
OECTRL
OESEL (pull down)
VDDBUF
OECTRL
1
23
45
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Die ID: C560A-FFFF-FP


Similar Part No. - PL623-38

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PL620-88OC MICREL-PL620-88OC Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PL620-88OC-R MICREL-PL620-88OC-R Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PL620-89 MICREL-PL620-89 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PL620-89OC MICREL-PL620-89OC Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
More results

Similar Description - PL623-38

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-00 PLL-PLL620-00 Datasheet
208Kb / 7P
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PLL620-20 PLL-PLL620-20 Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-21 PLL-PLL620-21 Datasheet
215Kb / 7P
Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-10 PLL-PLL520-10 Datasheet
242Kb / 8P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-17 PLL-PLL520-17 Datasheet
240Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com