Electronic Components Datasheet Search
  English  ▼

X  

XRT83L34 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 2 Page - Exar Corporation

  XRT83L34 Datasheet HTML 1Page - Exar Corporation XRT83L34 Datasheet HTML 2Page - Exar Corporation XRT83L34 Datasheet HTML 3Page - Exar Corporation XRT83L34 Datasheet HTML 4Page - Exar Corporation XRT83L34 Datasheet HTML 5Page - Exar Corporation XRT83L34 Datasheet HTML 6Page - Exar Corporation XRT83L34 Datasheet HTML 7Page - Exar Corporation XRT83L34 Datasheet HTML 8Page - Exar Corporation XRT83L34 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.3.4
2
FEATURES
• Fully integrated four channel long-haul or short-
haul transceivers for E1,T1 or J1 applications
• Adaptive Receive Equalizer for up to 36dB cable
attenuation
• Programable Transmit Pulse Shaper for E1,T1 or J1
short-haul interfaces
• Five fixed transmit pulse settings for T1 short-haul
applications plus a fully programmable waveform
generator for transmit output pulse shaping that
can be used for both T1 and E1 modes.
• Transmit Line Build-Outs (LBO) for T1 long-haul
application from 0dB to -22.5dB in three 7.5dB
steps
• Selectable receiver sensitivity from 0 to 36dB cable
loss for T1 @772kHz and 0 to 43dB for E1
@1024kHz
• Receive monitor mode handles 0 to 29dB resistive
attenuation along with 0 to 6dB of cable attenuation
for E1 and 0 to 3dB of cable attenuation for T1
modes
• Supports 75Ω and 120Ω (E1), 100Ω (T1) and 110Ω
(J1) applications
• Internal and/or external impedance matching for
75
Ω, 100Ω, 110Ω and 120Ω
• Tri-State transmit output and receive input
capability for redundancy applications
• Provides High Impedance for Tx and Rx during
power off
• Transmit return loss meets or exceeds ETSI 300-
166 standard
• On-chip digital clock recovery circuit for high input
jitter tolerance
• Crystal-less digital jitter attenuator with 32-bit or 64-
bit FIFO selectable either in transmit or receive path
• On-chip frequency multiplier generates T1 or E1
Master clocks from variety of external clock sources
• High receiver interference immunity
• On-chip transmit short-circuit protection and
limiting, and driver fail monitor output (DMO)
• Receive loss of signal (RLOS) output
• On-chip
HDB3/B8ZS/AMI
encoder/decoder
functions
• QRSS pattern generator and detection for testing
and monitoring
• Error and Bipolar Violation Insertion and Detection
FIGURE 2 BLOCK DIAGRAM OF THE XRT83L34 T1/E1/J1 LIU (HARDWARE MODE)
One of four Ch annels, C HAN NEL_n - (n=0 : 3)
HW /HO ST
GAUG E
JAS EL1
JAS EL0
RXT S EL
TXTS EL
TE RS EL1
TE RS EL0
RXRE S1
RXRE S0
IC T
MC LKE1
MCLKT1
CLKSE L[2:0]
T POS_n/TDA TA_n
TNEG _n/C OD ES_n
TC LK_n
RC LK_n
R NEG _n/LC V_n
RPO S_n/RDA TA_n
RLO S_n
RTIP_n
RRIN G_n
MAST ER CL OC K SYNT H ESIZER
QRSS
PAT T ERN
GENE RAT OR
DMO_n
TTIP_n
TRING_n
TXON_n
HDB3 /
B8Z S
EN CO DER
TX/RX JITT ER
AT T EN UAT OR
TIMING
CO NT R OL
TX FILTER
& PUL SE
SHAPER
LINE
D RIVER
LO CAL
AN AL OG
L OO PBACK
REMOT E
LO O PBACK
DIGIT AL
LOOPBACK
HDB3 /
B8Z S
D ECO DER
TX/RX JITT ER
AT T EN UAT OR
TIMIN G &
DAT A
REC OVER Y
PEAK
DET E CT O R
& SL ICER
QR SS
DET ECT O R
NET W O RK
LO OP
DET ECT O R
RX
EQ UALIZ ER
EQ UALIZ ER
CO NT R OL
AIS
DET ECT O R
LO S
DET EC T OR
LBO [3:0]
L OO PBACK
ENAB LE
NL CD ENABL E
QR SS ENAB LE
HARW AR E C ON T RO L
T EST
RESE T
TRA T IO
SR/DR
EQ C[4:0]
TCLK E
RCLK E
RXMUT E
AT AO S
DR IVE
MO NIT O R
DF M
MCLKO UT
TAOS_n
LO OP 1_n
LO OP 0_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com