Electronic Components Datasheet Search
  English  ▼

X  

XRT83L34 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 1 Page - Exar Corporation

  XRT83L34 Datasheet HTML 1Page - Exar Corporation XRT83L34 Datasheet HTML 2Page - Exar Corporation XRT83L34 Datasheet HTML 3Page - Exar Corporation XRT83L34 Datasheet HTML 4Page - Exar Corporation XRT83L34 Datasheet HTML 5Page - Exar Corporation XRT83L34 Datasheet HTML 6Page - Exar Corporation XRT83L34 Datasheet HTML 7Page - Exar Corporation XRT83L34 Datasheet HTML 8Page - Exar Corporation XRT83L34 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
PRELIMINARY
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
FEBRUARY 2004
REV. P1.3.4
GENERAL DESCRIPTION
The XRT83L34 is a fully integrated Quad (four
channel) long-haul and short-haul line interface unit
for T1 (1.544Mbps) 100
Ω, E1 (2.048Mbps) 75Ω or
120
Ω, or J1 110Ω applications.
In long-haul applications the XRT83L34 accepts
signals that have been attenuated from 0 to 36dB at
772kHz in T1 mode (equivalent of 0 to 6000 feet of
cable loss) or 0 to 43dB at 1024kHz in E1 mode.
In T1 applications, the XRT83L34 can generate five
transmit pulse shapes to meet the short-haul Digital
Cross-Connect (DSX-1) template requirements as
well as for Channel Service Units (CSU) Line Build
Out (LBO) filters of 0dB, -7.5dB -15dB and -22.5dB
as
required
by
FCC
rules.
It
also
provides
programmable transmit pulse generators for each
channel that can be used for output pulse shaping
allowing performance improvement over a wide
variety of conditions.
The XRT83L34 provides
both
a parallel
Host
microprocessor interface as well as a Hardware mode
for programming and control.
Both the B8ZS and HDB3 encoding and decoding
functions are selectable as well as AMI. An on-chip
crystal-less jitter attenuator with a 32 or 64 bit FIFO
can be placed either in the receive or the transmit
path with loop bandwidths of less than 3Hz. The
XRT83L34 provides a variety of loop-back and
diagnostic features as well as transmit driver short
circuit detection and receive loss of signal monitoring.
It supports internal impedance matching for 75
Ω,
100
Ω, 110Ω and 120Ω for both transmitter and
receiver. In the absence of the power supply, the
transmit outputs and receive inputs are tri-stated
allowing
for
redundancy
applications
The
chip
includes an integrated programmable clock multiplier
that can synthesize T1 or E1 master clocks from a
variety of external clock sources.
APPLICATIONS
• T1 Digital Cross-Connects (DSX-1)
• ISDN Primary Rate Interface
• CSU/DSU E1/T1/J1 Interface
• T1/E1/J1 LAN/WAN Routers
• Public switching Systems and PBX Interfaces
• T1/E1/J1 Multiplexer and Channel Banks
Features (See Page 2)
FIGURE 1 BLOCK DIAGRAM OF THE XRT83L34 T1/E1/J1 LIU (HOST MODE)
O ne of four channels, CHANNEL_n - (n= 0:3)
HW /HO ST
WR_R/W
RD_DS
ALE_AS
CS
RDY _DTA CK
INT
ICT
TPO S_n/TDATA _n
TNE G_n/CO DES _n
TCLK _n
RCLK _n
RNE G_n/LCV _n
RP OS_n/RDATA _n
RLOS _n
RTIP_n
RRING_n
MAST ER CLO CK S YNT H ESIZER
QRSS
PATTER N
GEN ERAT O R
DMO _n
TTIP_n
TRING _n
TXON_n
HDB 3/
B8ZS
ENCO DER
T X /R X JIT T ER
AT T ENUAT O R
TIMIN G
CO NT R O L
TX FILTER
& PUL SE
SHAPER
LINE
DRIVER
DRIVE
MON IT O R
L O CAL
ANAL OG
LO O PBACK
REM OT E
L O OPBACK
DIGIT AL
LO OPBACK
HDB 3/
B8ZS
DECO DER
T X /R X JIT T ER
AT T ENUAT O R
TIMING &
DAT A
REC O VERY
PEAK
DET ECT O R
& SLICER
QRSS
DET ECT OR
NE T W OR K
LOO P
DET ECT OR
RX
EQ UALIZ ER
EQ UALIZ ER
CONT RO L
AIS
DET EC T O R
LO S
DET EC T O R
L BO [3:0]
LO O PBACK
ENABL E
NL CD EN AB LE
Q RSS ENABL E
µPTS1
µPTS2
D[7:0]
µPCLK
A[7:0]
RE SET
MIC RO PRO CESSO R CO NT RO LL ER
T EST
DF M
TAO S
ENABL E
MCLK E1
MCLK T1
MCLKO UT


Similar Part No. - XRT83L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34IV EXAR-XRT83L34IV Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com