Electronic Components Datasheet Search
  English  ▼

X  

AT25DF081A Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF081A Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25DF081A Datasheet HTML 13Page - Dialog Semiconductor AT25DF081A Datasheet HTML 14Page - Dialog Semiconductor AT25DF081A Datasheet HTML 15Page - Dialog Semiconductor AT25DF081A Datasheet HTML 16Page - Dialog Semiconductor AT25DF081A Datasheet HTML 17Page - Dialog Semiconductor AT25DF081A Datasheet HTML 18Page - Dialog Semiconductor AT25DF081A Datasheet HTML 19Page - Dialog Semiconductor AT25DF081A Datasheet HTML 20Page - Dialog Semiconductor AT25DF081A Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
16
8715E–SFLSH–11/2017
AT25DF081A
8.4
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip
Erase command can be started, the Write Enable command must have been previously issued to the device to set
the WEL bit of the Status Register to a logical “1” state.
Two opcodes, 60h and C7h, can be used for the Chip Erase command. There is no difference in device functional-
ity when utilizing the two opcodes, so they can be used interchangeably. To perform a Chip Erase, one of the two
opcodes (60h or C7h) must be clocked into the device. Since the entire memory array is to be erased, no address
bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored. When the CS
pin is deasserted, the device will erase the entire memory array. The erasing of the device is internally self-timed
and should take place in a time of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, no erase will be performed. In addition, if
any sector of the memory array is in the protected or locked down state, then the Chip Erase command will not be
executed, and the device will return to the idle state once the CS pin has been deasserted. The WEL bit in the Sta-
tus Register will be reset back to the logical “0” state if the CS pin is deasserted on uneven byte boundaries or if a
sector is in the protected or locked down state.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the
tCHPE time to determine if the device has finished erasing. At some point before the erase cycle completes, the
WEL bit in the Status Register will be reset back to the logical “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase prop-
erly. If an erase error occurs, it will be indicated by the EPE bit in the Status Register.
Figure 8-6.
Chip Erase
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCCC
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com