Electronic Components Datasheet Search
  English  ▼

X  

AT25DF081A Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF081A Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button AT25DF081A Datasheet HTML 29Page - Dialog Semiconductor AT25DF081A Datasheet HTML 30Page - Dialog Semiconductor AT25DF081A Datasheet HTML 31Page - Dialog Semiconductor AT25DF081A Datasheet HTML 32Page - Dialog Semiconductor AT25DF081A Datasheet HTML 33Page - Dialog Semiconductor AT25DF081A Datasheet HTML 34Page - Dialog Semiconductor AT25DF081A Datasheet HTML 35Page - Dialog Semiconductor AT25DF081A Datasheet HTML 36Page - Dialog Semiconductor AT25DF081A Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
32
8715E–SFLSH–11/2017
AT25DF081A
Notes: 1. Only bits 4 and 3 of Status Register Byte 2 will be modified when using the Write Status Register Byte 2 command.
2. R/W = Readable and writeable
R = Readable only
11.1.1 SPRL Bit
The SPRL bit is used to control whether the Sector Protection Registers can be modified or not. When the SPRL
bit is in the logical “1” state, all Sector Protection Registers are locked and cannot be modified with the Protect Sec-
tor and Unprotect Sector commands (the device will ignore these commands). In addition, the Global Protect and
Global Unprotect features cannot be performed. Any sectors that are presently protected will remain protected, and
any sectors that are presently unprotected will remain unprotected.
When the SPRL bit is in the logical “0” state, all Sector Protection Registers are unlocked and can be modified (the
Protect Sector and Unprotect Sector commands, as well as the Global Protect and Global Unprotect features, will
be processed as normal). The SPRL bit defaults to the logical “0” state after device power-up. The Reset command
has no effect on the SPRL bit.
The SPRL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin is asserted, then
the SPRL bit may only be changed from a logical “0” (Sector Protection Registers are unlocked) to a logical “1”
(Sector Protection Registers are locked). In order to reset the SPRL bit back to a logical “0” using the Write Status
Register Byte 1 command, the WP pin will have to first be deasserted.
The SPRL bit is the only bit of Status Register Byte 1 that can be user modified via the Write Status Register Byte
1 command.
11.1.2 EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit will be set to the
logical “1” state. The EPE bit will not be set if an erase or program operation aborts for any reason such as an
attempt to erase or program a protected region or a locked down sector or if the WEL bit is not set prior to an erase
or program operation. The EPE bit will be updated after every erase and program operation.
Table 11-2.
Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use
6
RES
Reserved for future use
R
0
Reserved for future use
5
RES
Reserved for future use
R
0
Reserved for future use
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default)
1
Reset command is enabled
3
SLE
Sector Lockdown Enabled
R/W
0
Sector Lockdown and Freeze Sector Lockdown State
commands are disabled (default)
1
Sector Lockdown and Freeze Sector Lockdown State
commands are enabled
2
RES
Reserved for future use
R
0
Reserved for future use
1
RES
Reserved for future use
R
0
Reserved for future use
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com