Electronic Components Datasheet Search
  English  ▼

X  

AT25FF321A Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 28Page - Dialog Semiconductor AT25FF321A Datasheet HTML 29Page - Dialog Semiconductor AT25FF321A Datasheet HTML 30Page - Dialog Semiconductor AT25FF321A Datasheet HTML 31Page - Dialog Semiconductor AT25FF321A Datasheet HTML 32Page - Dialog Semiconductor AT25FF321A Datasheet HTML 33Page - Dialog Semiconductor AT25FF321A Datasheet HTML 34Page - Dialog Semiconductor AT25FF321A Datasheet HTML 35Page - Dialog Semiconductor AT25FF321A Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
32
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
4.9.6 Terminate Command (F0h)
The Terminate (F0) command does not cause exit from DPD or UDPD modes. To exit DPD or UDPD mode still requires either
the ABh command, or resetting the device as described in the previous subsections.
4.9.7 Reset During Program and Erase Commands
The AT25FF321A device supports the following program and erase operations.
Program operations include:
Byte/Page Program (02h)
Sequential Program (AFh/ADh)
Dual Output Byte/Page Program (A2h)
Quad Output Byte/Page Program (32h)
Program Security Register (9Bh)
Erase operations include:
4 kB Block Erase (20h)
32 kB Block Erase (52h)
64 kB Block Erase (D8h)
Chip Erase (60h/C7h)
These commands are affected when resetting the device, as shown in Table 7. In this table, a ‘Y’ entry indicates that the device
is reset when that type of reset occurs during the corresponding command. A ‘N’ entry indicates that the operation is terminated,
but the device is not reset. For example, when the F0h command is executed during a program or erase operation, the operation
is halted, but the device is not reset.
Table 7: Resetting the Device During a Program or Erase Operation
Command Type
Power On Reset
JEDEC Reset
Hardware
Reset Pin
66h/99h Command
Terminate (F0h)
Program
Y
Y
Y
Y
N
Erase
Y
Y
Y
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com