Electronic Components Datasheet Search
  English  ▼

X  

AT25PE40 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25PE40
Description  4-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE40 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25PE40 Datasheet HTML 35Page - Dialog Semiconductor AT25PE40 Datasheet HTML 36Page - Dialog Semiconductor AT25PE40 Datasheet HTML 37Page - Dialog Semiconductor AT25PE40 Datasheet HTML 38Page - Dialog Semiconductor AT25PE40 Datasheet HTML 39Page - Dialog Semiconductor AT25PE40 Datasheet HTML 40Page - Dialog Semiconductor AT25PE40 Datasheet HTML 41Page - Dialog Semiconductor AT25PE40 Datasheet HTML 42Page - Dialog Semiconductor AT25PE40 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
38
AT25PE40
DS-25PE40-142C–8/2018
16.
Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) will be in a high
impedance state, and a high-to-low transition on the CSB pin will be required to start a valid instruction. The SPI mode
(Mode 3 or Mode 0) will be automatically selected on every falling edge of CSB by sampling the inactive clock state.
16.1
Power-Up/Power-Down Voltage and Timing Requirements
As the device initializes, there will be a transient current demand. The system needs to be capable of providing this
current to ensure correct initialization. During power-up, the device must not be accessed for at least the minimum t
VCSL
time after the supply voltage reaches the minimum V
CC level. While the device is being powered-up, the internal Power-
On Reset (POR) circuitry keeps the device in a reset mode until the supply voltage rises above the maximum POR
threshold value (VPOR). During this time, all operations are disabled and the device will not respond to any commands.
After power-up, the device will be in the standby mode.
If the first operation to the device after power-up will be a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum V
CC level and an internal device delay has elapsed. This delay will
be a maximum time of tPUW.
Table 16-1. Voltage and Timing Requirements for Power-Up/Power-Down
Figure 16-1. Power-Up Timing
Symbol
Parameter
Min
Max
Units
V
PWD
(1)
1.
Not 100% tested (value guaranteed by design and characterization).
V
CC for device initialization
1.0
V
t
PWD
(1)
Minimum duration for device initialization
300
µs
t
VCSL
Minimum V
CC to chip select low time for Read command
70
µs
t
VR
(1)
V
CC rise time
1
500000
µs/V
V
POR
Power on reset voltage
1.45
1.6
V
t
PUW
Power up delay time before Program or Erase is allowed
3
ms
VCC
V
POR max
Max V
PWD
Time
t
PWD
t
PUW
Full Operation Permitted
t
VR
t
VCSL
Read Operation
Permitted
V
CC min
VPOR max
V
PWD max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com