Electronic Components Datasheet Search
  English  ▼

X  

0803971 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0803971
Description  Thermal transfer printer set - THERMOMARK GO SET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803971 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0803971 Datasheet HTML 4Page - PHOENIX CONTACT 0803971 Datasheet HTML 5Page - PHOENIX CONTACT 0803971 Datasheet HTML 6Page - PHOENIX CONTACT 0803971 Datasheet HTML 7Page - PHOENIX CONTACT 0803971 Datasheet HTML 8Page - PHOENIX CONTACT 0803971 Datasheet HTML 9Page - PHOENIX CONTACT 0803971 Datasheet HTML 10Page - PHOENIX CONTACT 0803971 Datasheet HTML 11Page - PHOENIX CONTACT 0803971 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
https://www.phoenixcontact.com/us/products/1221548
06/09/2021   Page 8 / 25
Thermal transfer printer set - THERMOMARK GO SET - 1221548
Accessories
Cable marker - MM-WMTB (24X8)R C1 WH/BK - 1116145
Cable marker, Roll, white/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: Assembly with
cable binders, lettering field size: 20 mm x 7 mm, Number of individual labels: 186
 
 
Cable marker - MM-WMTB HF (40X12)R C1 WH/BK - 1116166
Cable marker, Roll, white/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: Assembly with
cable binders, lettering field size: 40 mm x 8.5 mm, Number of individual labels: 50
 
 
Cable marker - MM-WMTB HF (40X12)R C1 YE/BK - 1116206
Cable marker, Roll, yellow/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: Assembly with
cable binders, lettering field size: 40 mm x 8.5 mm, Number of individual labels: 50
 
 
Cable marker - MM-WMTB HF (55X15)R C1 WH/BK - 1116207
Cable marker, Roll, white/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: Assembly with
cable binders, lettering field size: 55 mm x 13.4 mm, Number of individual labels: 20
 
 
Cable marker - MM-WMTB HF (55X15)R C1 YE/BK - 1116208
Cable marker, Roll, yellow/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: Assembly with
cable binders, lettering field size: 55 mm x 13.4 mm, Number of individual labels: 20
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com