Electronic Components Datasheet Search
  English  ▼

X  

0803971 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 0803971
Description  Thermal transfer printer set - THERMOMARK GO SET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803971 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 0803971 Datasheet HTML 12Page - PHOENIX CONTACT 0803971 Datasheet HTML 13Page - PHOENIX CONTACT 0803971 Datasheet HTML 14Page - PHOENIX CONTACT 0803971 Datasheet HTML 15Page - PHOENIX CONTACT 0803971 Datasheet HTML 16Page - PHOENIX CONTACT 0803971 Datasheet HTML 17Page - PHOENIX CONTACT 0803971 Datasheet HTML 18Page - PHOENIX CONTACT 0803971 Datasheet HTML 19Page - PHOENIX CONTACT 0803971 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
https://www.phoenixcontact.com/us/products/1221548
06/09/2021   Page 16 / 25
Thermal transfer printer set - THERMOMARK GO SET - 1221548
Accessories
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK - 0803940
Label, highly flexible, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK
GO.K, mounting type: adhesive, lettering field size: continuous x 24 mm
 
 
Label, highly flexible - MM-EMLF (EX24)R C1 YE/BK - 0803944
Label, highly flexible, Roll, yellow, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK
GO.K, mounting type: adhesive, lettering field size: continuous x 24 mm
 
 
Insert label - MM-EMT (EX15)R C1 WH/BK - 0803966
Insert label, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK GO.K,
mounting type: snapped into marker carrier, lettering field size: continuous x 15 mm
 
 
Insert label - MM-EMT (EX17)R C1 WH/BK - 0803967
Insert label, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK GO.K,
mounting type: snapped into marker carrier, lettering field size: continuous x 17 mm
 
 
Insert label - MM-EMT (EX18)R C1 WH/BK - 0803968
Insert label, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK GO.K,
mounting type: snapped into marker carrier, lettering field size: continuous x 18 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com