Electronic Components Datasheet Search
  English  ▼

X  

0803976 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0803976
Description  Thermal transfer printer set - THERMOMARK GO SET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803976 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 0803976 Datasheet HTML 2Page - PHOENIX CONTACT 0803976 Datasheet HTML 3Page - PHOENIX CONTACT 0803976 Datasheet HTML 4Page - PHOENIX CONTACT 0803976 Datasheet HTML 5Page - PHOENIX CONTACT 0803976 Datasheet HTML 6Page - PHOENIX CONTACT 0803976 Datasheet HTML 7Page - PHOENIX CONTACT 0803976 Datasheet HTML 8Page - PHOENIX CONTACT 0803976 Datasheet HTML 9Page - PHOENIX CONTACT 0803976 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
https://www.phoenixcontact.com/us/products/1221548
06/09/2021   Page 6 / 25
Thermal transfer printer set - THERMOMARK GO SET - 1221548
Accessories
Cable marker - MM-WML 5 (24X10)R C1 WH/BK - 1116196
Cable marker, Roll, white/black, unlabeled, can be labeled with: THERMOMARK GO: without print, mounting type:
adhesive, lettering field size: 22 x 9.5 mm, Number of individual labels: 235
 
 
Cable marker - MM-WML 6 (13X13)R C1 WH/BK - 1116197
Cable marker, Roll, white/black, can be labeled with: THERMOMARK GO: without print, mounting type: adhesive,
lettering field size: 12.7 mm x 12.7 mm, Number of individual labels: 190
 
 
Cable marker - MM-WML 7,5 (24X13)R C1 WH/BK - 1116198
Cable marker, Roll, white/black, can be labeled with: THERMOMARK GO: without print, mounting type: adhesive,
lettering field size: 22 x 12.7 mm, Number of individual labels: 165
 
 
Cable marking flags - MM-WML-FLAG 6 (20X10)R C1 WH/BK - 1116143
Cable marking flags, Roll, white/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: adhesive,
lettering field size: 20 x 10 mm, Number of individual labels: 145
 
 
Cable marking flags - MM-WML-FLAGV 6 (20X10)R C1 WH/BK - 1116190
Cable marking flags, Roll, white/black, unlabeled, can be labeled with: THERMOMARK GO, mounting type: adhesive,
lettering field size: 20 x 10 mm, Number of individual labels: 145
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com