Electronic Components Datasheet Search
  English  ▼

X  

0803976 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803976
Description  Thermal transfer printer set - THERMOMARK GO SET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803976 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803976 Datasheet HTML 1Page - PHOENIX CONTACT 0803976 Datasheet HTML 2Page - PHOENIX CONTACT 0803976 Datasheet HTML 3Page - PHOENIX CONTACT 0803976 Datasheet HTML 4Page - PHOENIX CONTACT 0803976 Datasheet HTML 5Page - PHOENIX CONTACT 0803976 Datasheet HTML 6Page - PHOENIX CONTACT 0803976 Datasheet HTML 7Page - PHOENIX CONTACT 0803976 Datasheet HTML 8Page - PHOENIX CONTACT 0803976 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
https://www.phoenixcontact.com/us/products/1221548
06/09/2021   Page 2 / 25
Thermal transfer printer set - THERMOMARK GO SET - 1221548
Technical data
General
Interface
USB
Weight
3411 g
Dimensions
Length
70 mm
Height
175 mm
Width
135 mm
Connection data
Minimum voltage
100 V AC
Max. voltage
240 V AC
Additional text
50 Hz ... 60 Hz
Articles in set
Thermal transfer printer - THERMOMARK GO - 1090747
Mobile thermal transfer printer for marking materials in cartridge format incl. accessories. The printer can print pre-
punched labels as well as materials in continuous format up to a material width of 24 mm. Scope of supply: battery,
power supply unit incl. 4 adapters, USB cable, MM-EML (20X8)R C1 WH/BK, quick guide
 
 
Battery - THERMOFOX/ACCU - 0805009
Battery for mobile operation of the THERMOMARK GO and THERMOMARK GO.K / THERMOFOX printers.
 
 
Power supply unit - THERMOFOX/ADAPTER - 0805010
Power supply unit incl. 4 adapters for operation of the THERMOMARK GO and THERMOMARK GO.K / THERMOFOX
printers.
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com