Electronic Components Datasheet Search
  English  ▼

X  

0814775 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0814775
Description  VS-08-RJ45-5-Q/IP67-BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0814775 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0814775 Datasheet HTML 1Page - PHOENIX CONTACT 0814775 Datasheet HTML 2Page - PHOENIX CONTACT 0814775 Datasheet HTML 3Page - PHOENIX CONTACT 0814775 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 24, 2011
Extract from the online
catalog
 
VS-08-RJ45-5-Q/IP67-BK
Order No.: 1658493
The illustration shows the gray product version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1658493
 
 
RJ45 connector, IP67, CAT5e, 8-pos., with QUICKON fast connection
technology, for 1-wire and 7-wire conductors AWG 26 ... 22, for cable
cross section 5.0 mm ... 8.0 mm, color: black
 
Commercial data
GTIN (EAN)
4
046356
163163
sales group
D510
Pack
1 pcs.
Customs tariff
85366990
Catalog page information
Page 194 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
10/02/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Mechanical characteristics
Number of positions
8
Shielded
Yes
Insertion/withdrawal cycles
≥ 1000
Type of connection
IDC fast connection


Similar Part No. - 0814775

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0814775 PHOENIX-0814775 Datasheet
55Kb / 3P
RJ45 plug connector - VS-PPC-C1-RJ45-POBK-8I10G
More results

Similar Description - 0814775

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402420 PHOENIX-1402420 Datasheet
68Kb / 4P
RJ45 connector - VS-08-RJ45-Q
1417016 PHOENIX-1417016 Datasheet
220Kb / 4P
RJ45 connector - VS-08-RJ45-5-Q/IP20 TIA568A
1656725 PHOENIX-1656725 Datasheet
144Kb / 5P
VS-08-RJ45-5-Q/IP20
1656990 PHOENIX-1656990 Datasheet
72Kb / 4P
RJ45 plug connector - VS-08-RJ45-5-Q/IP67
1658655 PHOENIX-1658655 Datasheet
141Kb / 4P
VS-08-A-RJ45/LP-1-IP67-BK
1658671 PHOENIX-1658671 Datasheet
65Kb / 3P
RJ45 sleeve housings - VS-08-T-H-RJ45/IP67-BK
1658008 PHOENIX-1658008 Datasheet
321Kb / 8P
RJ45 connector - VS-08-RJ45-5-Q/IP20 BK
1689268 PHOENIX-1689268 Datasheet
65Kb / 4P
RJ45 coupling - VS-08-KU-IP67
1658202 PHOENIX-1658202 Datasheet
59Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-BK
1658684 PHOENIX-1658684 Datasheet
99Kb / 4P
VS-08-KU-IP67-BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com